Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM01 Datasheet(PDF) 25 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 25 Page - STMicroelectronics

Back Button STPM01_11 Datasheet HTML 21Page - STMicroelectronics STPM01_11 Datasheet HTML 22Page - STMicroelectronics STPM01_11 Datasheet HTML 23Page - STMicroelectronics STPM01_11 Datasheet HTML 24Page - STMicroelectronics STPM01_11 Datasheet HTML 25Page - STMicroelectronics STPM01_11 Datasheet HTML 26Page - STMicroelectronics STPM01_11 Datasheet HTML 27Page - STMicroelectronics STPM01_11 Datasheet HTML 28Page - STMicroelectronics STPM01_11 Datasheet HTML 29Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 60 page
background image
STPM01
Theory of operation
Doc ID 10853 Rev 8
25/60
The tamper circuit works if the energies associated with the two current channels are both
positive or negative, if the two energies have different sign, the tamper is on all the time
however, the channel with the associated higher power is selected for the final computation
of energy.
In single wire mode, the apparent energy rather than the active is used for tamper detection.
When internal signals are not good enough to perform the calculations, i.e. line period is out
or range or
ΔΣ signals from analog section are stacked at high or low logic level, or no load
condition is activated, the tamper module is disabled and its state is preset to normal.
8.10.1
Detailed operational description
The meter is initially set to normal state, i.e. tamper not detected.In this condition the
primary channel is selected for final integration of energy. In such state the values of both
load currents should not differ more than the accuracy difference of the channels does.
Sixty-four periods of line voltage is used as a tamper checking period.
After 24 periods of line voltage two internal signals MUX and INH are changed in order to
enable secondary current channel and to freeze the last power and RMS values of primary
current channel. The following 16 periods of line frequency are used for tamper detection
integration. During this gap, the final energy calculation does not use the signal from
selected channel but the frozen values.
Four line periods after the INH switch, the integration of power from secondary current
channel is started and lasts four periods. Additional four line periods later MUX signal is
switched back to primary current channel and the integration for tamper detection is started.
The timings of MUX and INH signals are shown in Figure 18 below.
When the secondary channel is selected to be integrated by the final energy integrator, the
MUX and INH signals change according to Figure 19 below.
This means that energy of four periods from secondary channel followed by energy of four
periods from primary channel is sampled within the tamper module. From these two
Figure 18.
Timings of tamper module - Primary channel selected
MUX
Ch 1Ch 2Ch 1Ch 1
INH
Tamper power integrators
B
A
Cycles
44
44
24
24
Figure 19.
Timings of tamper module - Secondary channel selected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com