Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM01 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STPM01_11 Datasheet HTML 14Page - STMicroelectronics STPM01_11 Datasheet HTML 15Page - STMicroelectronics STPM01_11 Datasheet HTML 16Page - STMicroelectronics STPM01_11 Datasheet HTML 17Page - STMicroelectronics STPM01_11 Datasheet HTML 18Page - STMicroelectronics STPM01_11 Datasheet HTML 19Page - STMicroelectronics STPM01_11 Datasheet HTML 20Page - STMicroelectronics STPM01_11 Datasheet HTML 21Page - STMicroelectronics STPM01_11 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
Theory of operation
STPM01
18/60
Doc ID 10853 Rev 8
The maximum differential input voltage is dependent on the selected gain according to the
following table.
The gain register is included in the device configuration register with the address names
PST and ADDG. The table below shows the gain configuration according to the register
values:
Note:
If the device is used in configuration PST = 7 (primary channel with CT, secondary channel
with Shunt), the shunt Ks must always be equal to one fourth of the current transformer Ks.
Both the voltage and current channels implement an active offset correction architecture
which gives the benefit to avoid any offset compensation.
The analog voltage and current signals are processed by the
∑ Δ Analog to digital
converters that feed the hardwired DSP. The DSP implements an automatic digital offset
cancellation that make possible avoiding any manual offset calibration on the analog inputs.
Table 8.
Gain of voltage and current channels
Voltage channels
Current channels
Gain
Max Input voltage (V)
Gain
Max input voltage (V)
4
±0.30
8X
±0.15
16X
±0.075
24X
±0.05
32X
±0.035
Table 9.
Configuration of current sensors
Primary
Secondary
Configuration Bits
Gain
Sensor
Gain
Sensor
PST (3 bits)
ADDG (1 bit)
8
Rogowsky Coil
Disabled (No Tamper)
00
16
01
24
10
32
11
8CT
2
X
32
Shunt
3
X
8
Rogowsky Coil
8
Rogowsky Coil
40
16
16
4
1
24
24
5
0
32
32
5
1
8
CT
8CT6
X
8
32
Shunt
7
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com