Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM01 Datasheet(PDF) 27 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STPM01_11 Datasheet HTML 23Page - STMicroelectronics STPM01_11 Datasheet HTML 24Page - STMicroelectronics STPM01_11 Datasheet HTML 25Page - STMicroelectronics STPM01_11 Datasheet HTML 26Page - STMicroelectronics STPM01_11 Datasheet HTML 27Page - STMicroelectronics STPM01_11 Datasheet HTML 28Page - STMicroelectronics STPM01_11 Datasheet HTML 29Page - STMicroelectronics STPM01_11 Datasheet HTML 30Page - STMicroelectronics STPM01_11 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 60 page
background image
STPM01
Theory of operation
Doc ID 10853 Rev 8
27/60
the nominal frequency value of CLKOUT. Two nominal frequency ranges are expected, from
4.000 MHz to 4.194 MHz (MDIV = 0) or from 8.000 MHz to 8.192 MHz (MDIV = 1).
8.12.1
RC Startup procedure
To use the device with RC oscillator the configuration bit RC (see Table 16) must be set.
Since the default configuration is for a crystal oscillator, when a RC oscillator is used instead
and the device is supplied for the very first time it is not internally clocked and consequently
the DSP is inactive. In this condition it is not possible to set RC or any other configuration bit.
The following SPI procedure can be run in order to set the RC bit and provide the clock to
the device:
●
Set the mode signal BANK;
●
Perform a software reset;
●
Read the registers: BANK mode signal should be checked and the records should
show something (not 000000F0);
●
Set the mode signal RD;
●
Read the registers through SPI just to check that RD mode signal has been set;
●
Clear the mode signal BANK;
●
DO NOT perform a reading, and write configuration bit RC;
In this way the RC oscillator is started. If the registers are read again, it can be seen that RD
and RC bits are set, and BANK is cleared.
Once the RC startup procedure is complete, the device is clocked and active and it is
possible to permanently write the RC bit.
For details on mode signals refer to Chapter 8.20, for SPI operations refer to Chapter 8.21.
Figure 20.
Different oscillator circuits (a): with quartz; (b): internal oscillator; (c): with external
source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com