Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM01 Datasheet(PDF) 50 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 50 Page - STMicroelectronics

Back Button STPM01_11 Datasheet HTML 46Page - STMicroelectronics STPM01_11 Datasheet HTML 47Page - STMicroelectronics STPM01_11 Datasheet HTML 48Page - STMicroelectronics STPM01_11 Datasheet HTML 49Page - STMicroelectronics STPM01_11 Datasheet HTML 50Page - STMicroelectronics STPM01_11 Datasheet HTML 51Page - STMicroelectronics STPM01_11 Datasheet HTML 52Page - STMicroelectronics STPM01_11 Datasheet HTML 53Page - STMicroelectronics STPM01_11 Datasheet HTML 54Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 60 page
background image
STPM01 calibration
STPM01
50/60
Doc ID 10853 Rev 8
9
STPM01 calibration
Energy meters based on STPM01 device are calibrated in a fast and easy way. The
calibration is essentially based on the single calibration of the voltage and current channel
considering their RMS values rather than on the frequency of output pulse signal. When the
two channel are calibrated all the other measurement are calibrated too. This allows the
calibration to be performed in only one point shortening the production time of the meter.
This procedure is possible due to the below key points:
– Device is compound of two independent meter channels for line voltage and current
respectively. Each channel includes its own digital calibrator, to adjust the RMS in the
range of ±12.5 % in 256 steps, and digital filter, to remove any signal DC component.
All final results are not subject to calibration procedure because they are achieved
from such corrected signals by mathematical modules implemented by hardwired
DSP.
– Device computes different kind of energies: active, reactive and apparent. The active
energy is produced without 2nd harmonic of line frequency. It also computes RMS
values of measured voltage and current.
– Device produces an energy output pulse signal but information can also be read
through serial port interface, SPI, and communication channel.
– Device has an embedded memory, 56 bits, used for configuration and calibration
purposes. The value of these bits can be read or they can be changed temporarily or
permanently through SPI communication channel.
Let’s consider the basic information needed to start the calibration procedure:
The following typical STPM01 parameters and constants are also known:
Table 18.
Working point settings
Line RMS voltage
Vn
(230V)
Line RMS current
In
(5A)
Power sensitivity
P
(LED: P=128000 pulses/kWh, stepper motor: PM=P/64= 2000 pulses/kWh)
Shunt sensor
KS
0,42 mv/A
Table 19.
Device constants
Parameter
Value
Tolerance
Internal reference voltage
VBG
1.23 V
± 2%
Internal calculation frequency
fM
223 Hz
± 50 ppm
Amplification of voltage ADC
AV
4± 1%
Amplification of current ADC
AI
8, 16, 24, 32
± 2%
Gain of differentiator
GDIF
0,6135
Gain of integrator
GINT
0,815
Gain of decimation filter
GDF
1.004
RMS voltage register length
BV
211
RMS current register length
BI
216
Constant
DUD
217



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com