Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STPM01 Datasheet(PDF) 39 Page - STMicroelectronics

Part # STPM01
Description  Programmable single phase energy metering IC with tamper detection
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPM01 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button STPM01_11 Datasheet HTML 35Page - STMicroelectronics STPM01_11 Datasheet HTML 36Page - STMicroelectronics STPM01_11 Datasheet HTML 37Page - STMicroelectronics STPM01_11 Datasheet HTML 38Page - STMicroelectronics STPM01_11 Datasheet HTML 39Page - STMicroelectronics STPM01_11 Datasheet HTML 40Page - STMicroelectronics STPM01_11 Datasheet HTML 41Page - STMicroelectronics STPM01_11 Datasheet HTML 42Page - STMicroelectronics STPM01_11 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 60 page
background image
STPM01
Theory of operation
Doc ID 10853 Rev 8
39/60
– BANK: it is used to activate RC oscillator (see Chapter 8.12.1).
8.21
SPI interface
The SPI interface supports a simple serial protocol, which is implemented in order to enable
a communication between some master system (microcontroller or PC) and the device.
Three tasks can be performed with this interface:
- remote resetting the device,
- reading data records,
- writing the Mode bits and the configuration bits (temporarily or permanently);
Four pins of the device are dedicated to this purpose: SCS, SYN, SCLNCN, SDATD. SCS,
SYN and SCLNLC are all input pins while SDATD can be input or output according if the SPI
is in write or read mode. A high level signal for these pins means a voltage level higher than
0.75 x VCC, while a low level signal means a voltage value lower than 0.25 x VCC.
The internal register are not directly accessible, rather a 32 bit of transmission latches are
used to pre-load the data before being read or written to the internal registers.
The condition in which SCS, SYN and SCLNLC inputs are set to high level determines the
idle state of the SPI interface and no data transfer occurs.
– SCS: as already described in the document, when STPM01 is in standalone mode,
the SYN, SCLNLC and SDATD are used also for providing information on the meter
status (see Table 5) and are not used for SPI communication. The SCS pin allows
using the above pins for SPI communication even when the STPM01 is working in
standalone mode, in fact SCS pin enables SPI operation when low. In this section, the
SYN, SCLNLC and SDATD operation as part of the SPI interface is described.
– SYN: this pin operates different functions according to the status of SCS pin. When
SCS is low the SYN pin status select if the SPI is in read (SYN=1) or write mode
(SYN=0). When SCS is high and SYN is also high the results of the input or output
data are transferred to the transmission latches.
– SCLNLC: it is basically the clock pin of the SPI interface. This pin function is also
controlled by the SCS status. If SCS is low, SCLNCL is the input of serial bit
synchronization clock signal. When SCS is high, SCLNLC is also high determining
the idle state of the SPI.
– SDATD is the Data pin. If SCS is low, the operation of SDATD is dependent on the
status of SYN pin. if SYN is high SDATD is the output of serial bit data (read mode) if
SYN is low SDATD is the input of serial bit data signal (write mode). If SCS is high
SDATD is input of idle signal.
Any pin above has internal weak pull up device of nominal 15 µA. This means that when
some pin is not forced by external signals, the state of pin is logic high. A high state of any
input pin above is considered as an idle (not active) state. For the SPI to operate correctly
the STPM01 must be correctly supplied as described in the power supply section. Idle state
of SPI module is recognized when the signals of pins SYN, SCS, SCLNLC and SDATD are
in a logic high state. Any SPI operations should start from such idle state. The exception to
this rule is when STPM01 has been put into mode of standalone application. In such mode it
can happen that states of pins SCLNLC, SDATD and SYN are not high due to states of
corresponding internal status bits.
When SCS is active (low), signal SDATD should change its state at trailing edge of signal
SCLNLC and the signal SDATD should be stable at next leading edge of signal SCLNLC.
The first valid bit of SDATD is always started with activation of signal SCLNLC.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com