Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BWS Datasheet(PDF) 85 Page - STMicroelectronics

Part # STA381BWS
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWS Datasheet(HTML) 85 Page - STMicroelectronics

Back Button STA381BWS Datasheet HTML 81Page - STMicroelectronics STA381BWS Datasheet HTML 82Page - STMicroelectronics STA381BWS Datasheet HTML 83Page - STMicroelectronics STA381BWS Datasheet HTML 84Page - STMicroelectronics STA381BWS Datasheet HTML 85Page - STMicroelectronics STA381BWS Datasheet HTML 86Page - STMicroelectronics STA381BWS Datasheet HTML 87Page - STMicroelectronics STA381BWS Datasheet HTML 88Page - STMicroelectronics STA381BWS Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 171 page
background image
STA381BWS
Register description: New Map
Doc ID 018937 Rev 6
85/171
6.25
Fault-detect recovery constant registers (addr 0x3C - 0x3D)
The FDRC bits specify the 16-bit fault-detect recovery time delay. When FAULT is asserted,
the TRISTATE output is immediately asserted low and held low for the time period specified
by this constant. A constant value of 0x0001 in this register is approximately 0.083 ms. The
default value of 0x300C gives approximately 1 sec.
0x0000 is a reserved value.
6.26
Extended configuration register (addr 0x47)
The extended configuration register provides access to biquad 5, 6 and 7.
6.26.1
Extended post-scale range
Table 74.
Extended post-scale range
Post-scale is an attenuation by default. When PS48DB is set to 1, a 48-dB offset is applied
to the coefficient RAM value, so post-scale can act as a gain too.
6.26.2
Extended attack rate
The attack rate shown in Table 67 can be extended to provide up to an 8 dB/ms attack rate
on both limiters.
Table 75.
Extended attack rate, limiter 1
D7
D6
D5
D4
D3
D2
D1
D0
FDRC15
FDRC14
FDRC13
FDRC12
FDRC11
FDRC10
FDRC9
FDRC8
00
11
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
FDRC7
FDRC6
FDRC5
FDRC4
FDRC3
FDRC2
FDRC1
FDRC0
00
00
11
0
0
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Reserved
PS48DB
XAR1
XAR2
BQ5
BQ6
BQ7
0
0
00
111
PS48DB
Mode
0
Post-scale value is applied as defined in the coefficient RAM
1
Post-scale value is applied with a +48 dB offset with respect to the
coefficient RAM value
XAR1
Mode
0
Limiter1 attack rate is configured using Table 67
1
Limiter1 attack rate is 8 dB/ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com