Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BWS Datasheet(PDF) 22 Page - STMicroelectronics

Part # STA381BWS
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWS Datasheet(HTML) 22 Page - STMicroelectronics

Back Button STA381BWS Datasheet HTML 18Page - STMicroelectronics STA381BWS Datasheet HTML 19Page - STMicroelectronics STA381BWS Datasheet HTML 20Page - STMicroelectronics STA381BWS Datasheet HTML 21Page - STMicroelectronics STA381BWS Datasheet HTML 22Page - STMicroelectronics STA381BWS Datasheet HTML 23Page - STMicroelectronics STA381BWS Datasheet HTML 24Page - STMicroelectronics STA381BWS Datasheet HTML 25Page - STMicroelectronics STA381BWS Datasheet HTML 26Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 171 page
background image
Electrical specifications
STA381BWS
22/171
Doc ID 018937 Rev 6
3.3
Recommended operating conditions
Table 5.
Recommended operating conditions
3.4
Electrical specifications for the digital section
The specifications given in this section are valid for the operating conditions:
VDD_DIG = 3.3 V, Tamb = 25 °C.
(shou
Symbol
Parameter
Min
Typ
Max
Unit
Vcc
Power supply voltage (VCCxA, VCCxB)
4.5
25.5
V
VDD_DIG
Digital supply voltage
2.7
3.3
3.6
V
VDD3V3
VDD3V3CHP
Charge pump and analog path LDO supply
2.7
3.3
3.6
V
Tamb
Ambient temperature
0
70
°C
RLine
Load impedance - line driver mode
5
10
k
Ω
RHp
Load impedance - headphone driver mode
16
32
Ω
RBtl
Load impedance - power output-BTL mode
5
8
Ω
Table 6.
Electrical specifications - digital section
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Iil
Low level input current without
pull-up/down device
Vi = 0 V
0.5
µA
Iih
High level input current without
pull-up/down device
Vi = VDD_DIG
= 3.3 V
0.1
µA
Vil
Low level input voltage
0.8
V
Vih
High level input voltage
2.0
V
Vol
Low level output voltage
Iol = 2 mA
0.15
V
Voh
High level output voltage
Ioh = 2 mA
VDD_DIG
-0.15
V
Rpu
Pull-up/down resistance
50
k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com