Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BWS Datasheet(PDF) 37 Page - STMicroelectronics

Part # STA381BWS
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWS Datasheet(HTML) 37 Page - STMicroelectronics

Back Button STA381BWS Datasheet HTML 33Page - STMicroelectronics STA381BWS Datasheet HTML 34Page - STMicroelectronics STA381BWS Datasheet HTML 35Page - STMicroelectronics STA381BWS Datasheet HTML 36Page - STMicroelectronics STA381BWS Datasheet HTML 37Page - STMicroelectronics STA381BWS Datasheet HTML 38Page - STMicroelectronics STA381BWS Datasheet HTML 39Page - STMicroelectronics STA381BWS Datasheet HTML 40Page - STMicroelectronics STA381BWS Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 171 page
background image
STA381BWS
Device overview
Doc ID 018937 Rev 6
37/171
4.3.10
Memory map
All the control parameters listed in the previous paragraphs are stored in the internal device
memory. Please refer to Table 12 and Table 13 for a complete list of their addresses.
For the programming procedure please refer to Section 6.24: User-defined coefficient
control registers (addr 0x27 - 0x37). Be aware that the read-all operation is not available for
the STC coefficients memory.
Table 12.
STC coefficients memory map
Function
Address
Parameter
Range
Precision
Unit
Default
0x54
RR: release rate
[0.0078,1)
0.0039
dB/ms
0x200000
0x55
AR: attack rate
[0,16]
0.25
dB/ms
0x200000
0x56
LT: limiter threshold
[-24, +12]
0.25
dB
0x000000
0x57
CR: compressor ratio
[0,15]
1
index
0x000000
0x58
CT: compressor threshold
[-48, 0]
0.25
dB
0x000000
0x59
RR: release rate
[0.0078,1)
0.0039
dB/ms
0x200000
05A
AR: attack rate
[0,16]
0.25
dB/ms
0x200000
0x5B
LT: limiter threshold
[-24, +12]
0.25
dB
0x000000
0x5C
CR: compressor ratio
[0,15]
1
index
0x000000
0x5D
CT: compressor threshold
[-48, 0]
0.25
dB
0x000000
0x5E
RR: release rate
[0.0078,1)
0.0039
dB/ms
0x200000
0x5F
AR: attack rate
[0,16]
0.25
dB/ms
0x200000
0x60
LT: limiter threshold
[-24, +12]
0.25
dB
0x000000
0x61
CR: compressor ratio
[0,15]
1
index
0x000000
0x62
CT: compressor threshold
[-48, 0]
0.25
dB
0x000000
0x63
RR: release rate
[0.0078,1)
0.0039
dB/ms
0x200000
0x64
AR: attack rate
[0,16]
0.25
dB/ms
0x200000
0x65
LT: limiter threshold
[-24, +12]
0.25
dB
0x000000
0x66
CR: compressor ratio
[0,15]
1
index
0x000000
0x67
CT: compressor threshold
[-48, 0]
0.25
dB
0x000000
OFFSET
0X68
OFS0: offset DRC 0
[0, +48]
0.25
dB
0x000000
0X69
OFS1: offset DRC 1
[0, +48]
0.25
dB
0x000000
0X6A
OFS2: offset DRC 2
[0, +48]
0.25
dB
0x000000
0X6B
OFS3: offset DRC 3
[0, +48]
0.25
dB
0x000000
Dynamic attack rate
0x71
DAR: dynamic attack rate
[0, 1)
0.0039
ms/dB
0x000000
CRC expected
0x72
CRC computed
0x73
Biquads CTRL
0x74
Band splitter filter
coefficients range
0x0000AA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com