Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BWS Datasheet(PDF) 20 Page - STMicroelectronics

Part # STA381BWS
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWS Datasheet(HTML) 20 Page - STMicroelectronics

Back Button STA381BWS Datasheet HTML 16Page - STMicroelectronics STA381BWS Datasheet HTML 17Page - STMicroelectronics STA381BWS Datasheet HTML 18Page - STMicroelectronics STA381BWS Datasheet HTML 19Page - STMicroelectronics STA381BWS Datasheet HTML 20Page - STMicroelectronics STA381BWS Datasheet HTML 21Page - STMicroelectronics STA381BWS Datasheet HTML 22Page - STMicroelectronics STA381BWS Datasheet HTML 23Page - STMicroelectronics STA381BWS Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 171 page
background image
Pin connections
STA381BWS
20/171
Doc ID 018937 Rev 6
32
EAPD/FFX4B
OUTPUT
Digital PWM line out
33
TWARN/FFX4A
OUTPUT
Digital PWM line out
34
VREGFILT
POWER
Digital VDD from core
35
AGNDPLL
POWER
PLL analog ground
36
MCLK
INPUT
PLL input clock
37
BICKI
INPUT
IIS serial clock
38
LRCKI
INPUT
IIS left/right clock
39
SDI
INPUT
IIS serial data input
40
RESET
INPUT
Reset
41
PWDN
INPUT
Device power-down
0 = power-down
1 = normal operation
42
INTLINE
OUTPUT
Fault interrupt
43
SDA
I/O
IIC serial data
44
SCL
INPUT
IIC serial clock
45
SA
INPUT
IIC select address (pull-down)
46
TEST_MODE
INPUT
This pin must be connected to
ground (pull-down)
47
GNDDIG2
POWER
Digital I/O ground
48
VDDDIG2
POWER
Digital core LDO supply
Table 2.
Pin list (continued)
VQFN 48-pin
Name
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com