Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BWS Datasheet(PDF) 91 Page - STMicroelectronics

Part # STA381BWS
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWS Datasheet(HTML) 91 Page - STMicroelectronics

Back Button STA381BWS Datasheet HTML 87Page - STMicroelectronics STA381BWS Datasheet HTML 88Page - STMicroelectronics STA381BWS Datasheet HTML 89Page - STMicroelectronics STA381BWS Datasheet HTML 90Page - STMicroelectronics STA381BWS Datasheet HTML 91Page - STMicroelectronics STA381BWS Datasheet HTML 92Page - STMicroelectronics STA381BWS Datasheet HTML 93Page - STMicroelectronics STA381BWS Datasheet HTML 94Page - STMicroelectronics STA381BWS Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 171 page
background image
STA381BWS
Register description: New Map
Doc ID 018937 Rev 6
91/171
Table 85.
Coefficients extended range configuration
In this case the user can decide, for each filter stage, the right coefficient range. Note that for
a given biquad the same range will be applied to the left and right (channel 1 and channel
2).
The crossover biquad does not have the availability of this feature, maintaining the [-1;1)
range unchanged.
6.30
Miscellaneous registers (address 0x5C, 0x5D)
6.30.1
Rate power-down enable (RPDNEN) bit
In the STA381BWS, by default, the power-down pin and I2C power-down act on mute
commands to perform the fade-out. This default can be changed so that the fade-out can be
started using the master volume. The RPDNEN bit, when set, activates this feature.
6.30.2
Bridge immediately off (BRIDGOFF) bit (address 0x4B, bit D5)
A fade-out procedure is started in the STA381BWS once the PWDN function is enabled, and
after 13 million clock cycles (PLL internal frequency) the bridge is put in power-down
(tristate mode). There is also the possibility to change this behavior so that the power bridge
will be switched off immediately after the PWDN pin is tied to ground, without waiting for the
13 million clock cycles. The BRIDGOFF bit, when set, activates this function. Obviously the
immediate power-down will generate a pop noise at the output, therefore this procedure
must be used only in cases where pop noise is not relevant in the application. Note that this
feature works only for hardware PWDN assertion and not for a power-down applied through
the IIC interface. Refer to Section 6.30.5 if programming a different number of clock cycles is
needed.
CEXT_Bx[1]
CEXT_Bx[0]
Range
00
[-1;1)
01
[-2;2)
10
[-4;4)
1
1
Reserved
D7
D6
D5
D4
D3
D2
D1
D0
RPDNEN
Reserved
BRIDGOFF
Reserved
Reserved
CPWMEN
Reserved
Reserved
01
10
01
0
0
D7
D6
D5
D4
D3
D2
D1
D0
LPDP
LPD
LPDE
PNDLSL[2]
PNDLSL[1]
PNDLSL[0]
Reserved
SHEN
01
00
11
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com