Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BWS Datasheet(PDF) 93 Page - STMicroelectronics

Part # STA381BWS
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWS Datasheet(HTML) 93 Page - STMicroelectronics

Back Button STA381BWS Datasheet HTML 89Page - STMicroelectronics STA381BWS Datasheet HTML 90Page - STMicroelectronics STA381BWS Datasheet HTML 91Page - STMicroelectronics STA381BWS Datasheet HTML 92Page - STMicroelectronics STA381BWS Datasheet HTML 93Page - STMicroelectronics STA381BWS Datasheet HTML 94Page - STMicroelectronics STA381BWS Datasheet HTML 95Page - STMicroelectronics STA381BWS Datasheet HTML 96Page - STMicroelectronics STA381BWS Datasheet HTML 97Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 171 page
background image
STA381BWS
Register description: New Map
Doc ID 018937 Rev 6
93/171
Table 87.
PNDLSL bits configuration
6.30.6
Short-circuit check enable bit
This bit, when enabled, will activate the short-circuit checks before any power bridge
activation (EAPD bit 0->1). See section Section 6.28: Short-circuit protection mode registers
SHOK (address 0x58) for more details.
6.31
Bad PWM detection registers (address 0x5E, 0x5F, 0x60)
The STA381BWS implements a detection on PWM outputs able to verify if the output signal
has no zero-crossing in a configurable time window. This check can be useful to detect the
DC level in the PWM outputs. To be noted that the checks are performed on logic level PWM
(i.e. not the power bridge ones, nor the PWM on DDX3 and DDX4 IOs).
In case of ternary modulation, the detection threshold is computed as:
TH=[(BPTH*2+1)/128]*100%
If the measured PWM duty cycle is detected greater than or equal to TH for more than
BPTIM PWM periods, the corresponding PWM bit will be set in register 0x01.
In case of binary modulation, there are two thresholds:
TH1=[(64+BPTH)/128]*100%
TH2=[(64-BPTH)/128]*100%
In this case if the measured PWM duty cycle is outside the TH1-TH2 range for more than
BPTIM PWM periods, the corresponding bit will be set in register 0x4E.
PNDLSL[2]
PNDLSL[1]
PNDLSL[2]
Fade-out time
00
0
Default time (13M PLL clock cycles)
00
1
Default time divided by 2
01
0
Default time divided by 4
01
1
Default time divided by 8
10
0
Default time divided by 16
10
1
Default time divided by 32
11
0
Default time divided by 64
11
1
Default time divided by 128
D7
D6
D5
D4
D3
D2
D1
D0
BPTH[5]
BPTH[4]
BPTH[3]
BPTH[2]
BPTH[1]
BPTH[0]
reserved
reserved
00
11
00
1
0
D7
D6
D5
D4
D3
D2
D1
D0
BPTIM[7]
BPTIM[6]
BPTIM[5]
BPTIM[4]
BPTIM[3]
BPTIM[2]
BPTIM[1]
BPTIM[0]
01
01
11
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com