Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BWS Datasheet(PDF) 88 Page - STMicroelectronics

Part # STA381BWS
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWS Datasheet(HTML) 88 Page - STMicroelectronics

Back Button STA381BWS Datasheet HTML 84Page - STMicroelectronics STA381BWS Datasheet HTML 85Page - STMicroelectronics STA381BWS Datasheet HTML 86Page - STMicroelectronics STA381BWS Datasheet HTML 87Page - STMicroelectronics STA381BWS Datasheet HTML 88Page - STMicroelectronics STA381BWS Datasheet HTML 89Page - STMicroelectronics STA381BWS Datasheet HTML 90Page - STMicroelectronics STA381BWS Datasheet HTML 91Page - STMicroelectronics STA381BWS Datasheet HTML 92Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 171 page
background image
Register description: New Map
STA381BWS
88/171
Doc ID 018937 Rev 6
Table 81.
PLL register 0x54 bits
Bit
R/W
RST
Name
Description
7R/W
0
PLL_DITH[1:0]
“00”: PLL clock dithering disabled
“01”: PLL clock dithering enabled (triangular)
“10”: PLL clock dithering enabled (rectangular)
“11”: reserved
6R/W
0
5R/W
0
PLL_NDIV
PLL loop divider
4R/W
0
3R/W
0
2R/W
0
1R/W
0
0R/W
0
Table 82.
PLL register 0x55 bits
Bit
R/W
RST
Name
Description
7
R/W
0
PLL_DPD
‘0’: any PLL dividers change is implemented via PLL
power-down
‘1’: PLL divider change will happen without PLL power-
down
6
R/W
0
PLL_FCT
‘0’: PLL use integer ratio
‘1’: PLL use fractional ratio
5
R/W
0
PLL_STB
PLL synchronous divider changes strobe
4
R/W
0
PLL_STBBYP
‘0’: PLL_STB is active
‘1’: PLL_STB control is bypassed
3R/W
0
PLL_IDIV[3:0] Input PLL divider
2R/W
0
1R/W
0
0R/W
0
Table 83.
PLL register 0x56 bits
Bit
R/W
RST
Name
Description
5
R/W
0
PLL_DIRP
‘0’: PLL configuration is determined by the MCS bits
‘1’: PLL configuration is determined by FRAC, IDIV and NDIV
4
R/W
0
PLL_PWD
‘0’: PLL normal behavior
‘1’: PLL is in power-down mode
3R/W
0PLL_BYP
‘0’: sys clock is from PLL
‘1’: sys clock is from external pin (PLL is bypassed)
2R/W
0
OSC_PD
‘0’: Normal behavior
‘1’: Internal oscillator is in power-down
0
R/W
0
BOOST32K
‘0’: Input oversampling selected by the IR bits
‘1’: Input oversampling is selected x3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com