Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BWS Datasheet(PDF) 97 Page - STMicroelectronics

Part # STA381BWS
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWS Datasheet(HTML) 97 Page - STMicroelectronics

Back Button STA381BWS Datasheet HTML 93Page - STMicroelectronics STA381BWS Datasheet HTML 94Page - STMicroelectronics STA381BWS Datasheet HTML 95Page - STMicroelectronics STA381BWS Datasheet HTML 96Page - STMicroelectronics STA381BWS Datasheet HTML 97Page - STMicroelectronics STA381BWS Datasheet HTML 98Page - STMicroelectronics STA381BWS Datasheet HTML 99Page - STMicroelectronics STA381BWS Datasheet HTML 100Page - STMicroelectronics STA381BWS Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 171 page
background image
STA381BWS
Register description: New Map
Doc ID 018937 Rev 6
97/171
6.34
F3XCFG (address 0x69; 0x6A)
D7
D6
D5
D4
D3
D2
D1
D0
F3XLNK
reserved
reserved
reserved
reserved
reserved
reserved
reserved
00
00
00
0
0
D7
D6
D5
D4
D3
D2
D1
D0
F3X_FAULT
reserved
reserved
F3X_SM_SLOPE[2:0]
F3X_MUTE
F3X_ENA
11
10
11
1
0
Table 92.
F3X configuration register 1
Bit
R/W
RST
Name
Description
7R/W
0
F3XLNK
‘0’: F3X normal control mode
‘1’: F3X mute/unmute linked to HP/Line mute
Table 93.
F3X configuration register 2
Bit
R/W
RST
Name
Description
7
R
1
F3X_FAULT
‘0’: Normal operation
4R/W
0
F3X_SM_SLOPE
‘000’: 0 ms
‘001’: 25 ms
‘010’: 50 ms
‘011’: 100 ms
‘100’: 200 ms
‘101’: 250 ms
‘110’: 500 ms
‘111’: 1000 ms
3R/W
1
2R/W
1
1
R/W
1
F3X_MUTE
‘1’: Mute
0
R/W
0
F3X_ENA
‘1’: F3X enable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com