Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BWS Datasheet(PDF) 138 Page - STMicroelectronics

Part # STA381BWS
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWS Datasheet(HTML) 138 Page - STMicroelectronics

Back Button STA381BWS Datasheet HTML 134Page - STMicroelectronics STA381BWS Datasheet HTML 135Page - STMicroelectronics STA381BWS Datasheet HTML 136Page - STMicroelectronics STA381BWS Datasheet HTML 137Page - STMicroelectronics STA381BWS Datasheet HTML 138Page - STMicroelectronics STA381BWS Datasheet HTML 139Page - STMicroelectronics STA381BWS Datasheet HTML 140Page - STMicroelectronics STA381BWS Datasheet HTML 141Page - STMicroelectronics STA381BWS Datasheet HTML 142Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 171 page
background image
Register description: Sound Terminal compatibility
STA381BWS
138/171
Doc ID 018937 Rev 6
Writing a set of coefficients to RAM
1.
Write 6 bits of the starting address to I2C register 0x16.
2.
Write the top 8 bits of coefficient b1 in I2C address 0x17.
3.
Write the middle 8 bits of coefficient b1 in I2C address 0x18.
4.
Write the bottom 8 bits of coefficient b1 in I2C address 0x19.
5.
Write the top 8 bits of coefficient b2 in I2C address 0x1A.
6.
Write the middle 8 bits of coefficient b2 in I2C address 0x1B.
7.
Write the bottom 8 bits of coefficient b2 in I2C address 0x1C.
8.
Write the top 8 bits of coefficient a1 in I2C address 0x1D.
9.
Write the middle 8 bits of coefficient a1 in I2C address 0x1E.
10. Write the bottom 8 bits of coefficient a1 in I2C address 0x1F.
11. Write the top 8 bits of coefficient a2 in I2C address 0x20.
12. Write the middle 8 bits of coefficient a2 in I2C address 0x21.
13. Write the bottom 8 bits of coefficient a2 in I2C address 0x22.
14. Write the top 8 bits of coefficient b0 in I2C address 0x23.
15. Write the middle 8 bits of coefficient b0 in I2C address 0x24.
16. Write the bottom 8 bits of coefficient b0 in I2C address 0x25.
17. Write 1 to the WA bit in I2C address 0x26.
The mechanism for writing a set of coefficients to RAM provides a method of updating the
five coefficients corresponding to a given biquad (filter) simultaneously to avoid possible
unpleasant acoustic side effects. When using this technique, the 6-bit address specifies the
address of the biquad b1 coefficient (for example, 0, 5, 10, 20, 35 decimal), and the
STA381BWS generates the RAM addresses as offsets from this base value to write the
complete set of coefficient data.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com