Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STA381BWS Datasheet(PDF) 160 Page - STMicroelectronics

Part # STA381BWS
Description  Sound Terminal® 2.1-channel high-efficiency digital audio system
PDF  171 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA381BWS Datasheet(HTML) 160 Page - STMicroelectronics

Back Button STA381BWS Datasheet HTML 156Page - STMicroelectronics STA381BWS Datasheet HTML 157Page - STMicroelectronics STA381BWS Datasheet HTML 158Page - STMicroelectronics STA381BWS Datasheet HTML 159Page - STMicroelectronics STA381BWS Datasheet HTML 160Page - STMicroelectronics STA381BWS Datasheet HTML 161Page - STMicroelectronics STA381BWS Datasheet HTML 162Page - STMicroelectronics STA381BWS Datasheet HTML 163Page - STMicroelectronics STA381BWS Datasheet HTML 164Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 171 page
background image
Register description: Sound Terminal compatibility
STA381BWS
160/171
Doc ID 018937 Rev 6
7.28
Charge pump synchronization (address 0x5F)
Table 180.
Charge pump sync configuration bits
The charge pump can be synchronized with the PWM frame in order to minimize the
crosstalk between the charge pump and the PWM waveform.
This functionality cannot be activated when the PWMS bit (address 0x15 bit D4) is set to 1.
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Reserved
CHPI
INITCNT[3:0]
CHPRD
00
01
10
0
1
Bit
R/W
RST
Name
Description
5
R/W
0
CHPI
0: Charge pump phase: 0 deg
1: Charge pump phase: 180 deg
4R/W
1
INITCNT[3:0]
Change charge pump phase at one clock step
3R/W
1
2R/W
0
1R/W
0
0
R/W
1
CHPRD
0: Charge pump synchronized with PWM frame
0: Charge pump not synchronized with PWM frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com