Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7491P Datasheet(PDF) 9 Page - STMicroelectronics

Part # TDA7491P
Description  2 x 10-watt dual BTL class-D audio amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491P Datasheet(HTML) 9 Page - STMicroelectronics

Back Button TDA7491P Datasheet HTML 5Page - STMicroelectronics TDA7491P Datasheet HTML 6Page - STMicroelectronics TDA7491P Datasheet HTML 7Page - STMicroelectronics TDA7491P Datasheet HTML 8Page - STMicroelectronics TDA7491P Datasheet HTML 9Page - STMicroelectronics TDA7491P Datasheet HTML 10Page - STMicroelectronics TDA7491P Datasheet HTML 11Page - STMicroelectronics TDA7491P Datasheet HTML 12Page - STMicroelectronics TDA7491P Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
TDA7491P
Pin description
Doc ID 13540 Rev 6
9/42
2.2
Pin list
Table 2.
Pin description list
Number
Name
Type
Description
1
SUB_GND
POWER
Connect to the frame
2,3
OUTPB
OUT
Positive PWM output for right channel
4,5
PGNDB
POWER
Power stage ground for right channel
6,7
PVCCB
POWER
Power supply for right channel
8,9
OUTNB
OUT
Negative PWM output for right channel
10,11
OUTNA
OUT
Negative PWM output for left channel
12,13
PVCCA
POWER
Power supply for left channel
14,15
PGNDA
POWER
Power stage ground for left channel
16,17
OUTPA
OUT
Positive PWM output for left channel
18
PGND
POWER
Power stage ground
19
VDDPW
OUT
3.3-V (nominal) regulator output referred to ground for power
stage
20
STBY
INPUT
Standby mode control
21
MUTE
INPUT
Mute mode control
22
INPA
INPUT
Positive differential input of left channel
23
INNA
INPUT
Negative differential input of left channel
24
ROSC
OUT
Master oscillator frequency-setting pin
25
SYNCLCK
IN/OUT
Clock in/out for external oscillator
26
VDDS
OUT
3.3-V (nominal) regulator output referred to ground for signal
blocks
27
SGND
POWER
Signal ground
28
DIAG
OUT
Open-drain diagnostic output
29
SVR
OUT
Supply voltage rejection
30
GAIN0
INPUT
Gain setting input 1
31
GAIN1
INPUT
Gain setting input 2
32
INPB
INPUT
Positive differential input of right channel
33
INNB
INPUT
Negative differential input of right channel
34
VREF
OUT
Half VDDS (nominal) referred to ground
35
SVCC
POWER
Signal power supply
36
VSS
OUT
3.3-V (nominal) regulator output referred to power supply
-EP
-
Exposed pad for ground-plane heatsink, to be connected to
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com