Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7491P Datasheet(PDF) 33 Page - STMicroelectronics

Part # TDA7491P
Description  2 x 10-watt dual BTL class-D audio amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491P Datasheet(HTML) 33 Page - STMicroelectronics

Back Button TDA7491P Datasheet HTML 29Page - STMicroelectronics TDA7491P Datasheet HTML 30Page - STMicroelectronics TDA7491P Datasheet HTML 31Page - STMicroelectronics TDA7491P Datasheet HTML 32Page - STMicroelectronics TDA7491P Datasheet HTML 33Page - STMicroelectronics TDA7491P Datasheet HTML 34Page - STMicroelectronics TDA7491P Datasheet HTML 35Page - STMicroelectronics TDA7491P Datasheet HTML 36Page - STMicroelectronics TDA7491P Datasheet HTML 37Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 42 page
background image
TDA7491P
Applications information
Doc ID 13540 Rev 6
33/42
5.6
Modulation
The output modulation scheme of the BTL is called unipolar pulse width modulation (PWM).
The differential output voltages change between 0 V and +VCC and between 0 V and -VCC.
This is in contrast to the traditional bipolar PWM outputs which change between +VCC
and -VCC.
An advantage of this scheme is that it effectively doubles the switching frequency of the
differential output waveform on the load then reducing the current ripple accordingly. The
OUTP and OUTN are in the same phase almost overlapped when the input is zero under
this condition, then the switching current is low and the related losses in the load are low. In
practice, a short delay is introduced between these two outputs in order to avoid the BTL
outputs switching simultaneously when the input is zero.
Figure 44 shows the resulting differential output voltage and current when a positive, zero
and negative input signal is applied. The resulting differential voltage on the load has a
double frequency with respect to outputs OUTP and OUTN then resulting in reduced current
ripple.
Figure 44.
Unipolar PWM output
INP
INN
OUTP
OUTN
Differential
OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com