Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7491P Datasheet(PDF) 17 Page - STMicroelectronics

Part # TDA7491P
Description  2 x 10-watt dual BTL class-D audio amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491P Datasheet(HTML) 17 Page - STMicroelectronics

Back Button TDA7491P Datasheet HTML 13Page - STMicroelectronics TDA7491P Datasheet HTML 14Page - STMicroelectronics TDA7491P Datasheet HTML 15Page - STMicroelectronics TDA7491P Datasheet HTML 16Page - STMicroelectronics TDA7491P Datasheet HTML 17Page - STMicroelectronics TDA7491P Datasheet HTML 18Page - STMicroelectronics TDA7491P Datasheet HTML 19Page - STMicroelectronics TDA7491P Datasheet HTML 20Page - STMicroelectronics TDA7491P Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
TDA7491P
Characterization curves
Doc ID 13540 Rev 6
17/42
Figure 13.
Power dissipation and efficiency vs. output power
Figure 14.
Attenuation vs. voltage on pin MUTE
Figure 15.
Current consumption vs. voltage on pin STBY
Power di ssi pat i on & Ef f i ci ency vs Out put power
0
10
20
30
40
50
60
70
80
90
02468
10
12
Out put power per channel ( W)
0
0. 5
1
1. 5
2
2. 5
3
3. 5
4
4. 5
5
Vcc=10V
Rload=4ohm
Gain=30dB
f=1kHz
Test Condition:
Vcc =10V,
RL= 4 ohm,
Rosc = 39k
Ω, Cosc = 100nF,
f = 1kHz,
Gv=30dB,
Tamb=25
℃
Test Condition:
Vcc =10V,
RL= 4 ohm,
Rosc = 39k
Ω, Cosc = 100nF,
0dB@f=1kHz,Po=1w,
Gv=30dB,
Tamb=25
℃
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
01
2
3
4
Mute voltage (V)
Vcc=10V
Rload=4ohm
Gain=30dB
0dB@f=1kHz, Po=1w
Test Condition:
Vcc =10V,
RL= 4 ohm,
Rosc = 39k
Ω, Cosc = 100nF,
Vin=0,
Gv=30dB,
Tamb=25
℃
0
5
10
15
20
25
30
35
40
0
0.5
1
1.5
2
2.5
3
3.5
Standby voltage (V)
Vcc=10V
Rload=4ohm
Gain=30dB
Vin=0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com