Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7491P Datasheet(PDF) 11 Page - STMicroelectronics

Part # TDA7491P
Description  2 x 10-watt dual BTL class-D audio amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491P Datasheet(HTML) 11 Page - STMicroelectronics

Back Button TDA7491P Datasheet HTML 7Page - STMicroelectronics TDA7491P Datasheet HTML 8Page - STMicroelectronics TDA7491P Datasheet HTML 9Page - STMicroelectronics TDA7491P Datasheet HTML 10Page - STMicroelectronics TDA7491P Datasheet HTML 11Page - STMicroelectronics TDA7491P Datasheet HTML 12Page - STMicroelectronics TDA7491P Datasheet HTML 13Page - STMicroelectronics TDA7491P Datasheet HTML 14Page - STMicroelectronics TDA7491P Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
TDA7491P
Electrical specifications
Doc ID 13540 Rev 6
11/42
3.3
Electrical specifications
Unless otherwise stated, the results in Table 5 below are given for the conditions:
VCC =11 V, RL (load) = 6 Ω, ROSC = R3 = 39 kΩ, C8 = 100 nF, f = 1 kHz, GV = 20 dB, and
Tamb =25°C.
Table 5.
Electrical specifications
Symbol
Parameter
Condition
Min
Typ
Max
Unit
VCC
Supply voltage
-
5
-
18
V
Iq
Total quiescent current
Without LC filter
-
26
35
mA
IqSTBY
Quiescent current in standby
-
-
-
10
µA
VOS
Output offset voltage
Play mode
-100
-
100
mV
Mute mode
-60
-
60
mV
IOCP
Overcurrent protection threshold
RL = 0 Ω
3
--A
Tj
Junction temperature at thermal
shutdown
-
-
150
-
°C
Ri
Input resistance
Differential input
54
68
-
k
Ω
VUVP
Undervoltage protection
threshold
-
--4.5
V
RdsON
Power transistor on resistance
High side
-
0.2
-
Ω
Low side
-
0.2
-
Po
Output power
THD = 10%
-
10
-
W
THD = 1%
-
8.0
-
Po
Output power
RL = 8 Ω, THD = 10%,
VCC =12 V
-9.5
-
W
RL = 8 Ω, THD = 1%,
VCC =12 V
-7.2
-
PD
Dissipated power
Po = 10 W + 10 W,
THD = 10%
-2.0
-W
η
Efficiency
Po = 10 W + 10 W,
RL = 8 Ω, THD = 10%,
VCC =12 V
-90
-
%
THD
Total harmonic distortion
Po = 1 W
-
0.1
-
%
GV
Closed loop gain
GAIN0 = L, GAIN1 = L
18
20
22
dB
GAIN0 = L, GAIN1 = H
24
26
28
GAIN0 = H, GAIN1 = L
28
30
32
GAIN0 = H, GAIN1 = H
30
32
34
ΔGV
Gain matching
-
-1
-
1
dB
CT
Crosstalk
f = 1 kHz, Po = 1 W
-
70
-
dB
eN
Total input noise
A Curve, GV = 20 dB
-
15
-
µV
f = 22 Hz to 22 kHz
-
20
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com