Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7491P Datasheet(PDF) 41 Page - STMicroelectronics

Part # TDA7491P
Description  2 x 10-watt dual BTL class-D audio amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491P Datasheet(HTML) 41 Page - STMicroelectronics

Back Button TDA7491P Datasheet HTML 34Page - STMicroelectronics TDA7491P Datasheet HTML 35Page - STMicroelectronics TDA7491P Datasheet HTML 36Page - STMicroelectronics TDA7491P Datasheet HTML 37Page - STMicroelectronics TDA7491P Datasheet HTML 38Page - STMicroelectronics TDA7491P Datasheet HTML 39Page - STMicroelectronics TDA7491P Datasheet HTML 40Page - STMicroelectronics TDA7491P Datasheet HTML 41Page - STMicroelectronics TDA7491P Datasheet HTML 42Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 41 / 42 page
background image
TDA7491P
Revision history
Doc ID 13540 Rev 6
41/42
7
Revision history
Table 10.
Document revision history
Date
Revision
Changes
02-Jul-2007
1
Initial release.
15-Oct-2008
2
Updated characterization curves.
23-Jun-2009
3
Updated text concerning oscillator R and C in Section 3.3:
Electrical specifications on page 11
Updated condition for Iq test, added VUVP maximum value,
updated THD maximum value, updated STBY and MUTE
voltages in Table 5: Electrical specifications on page 11
Updated equation for fSW on page 11 and on page 32
Updated Figure 39: Applications circuit for class-D amplifier on
page 29
Updated Section 5.7: Protection functions on page 36.
04-Sep-2009
4
Added text for exposed pad in Figure 2 on page 8
Added text for exposed pad in Table 2 on page 9
Updated exposed pad Y (Min) dimension in Table 9 on page 39
Updated supply voltage for pin DIAG pull-up resistor in
Section 5.8 on page 36.
07-Mar-2011
5
Updated operating temperature range in Table 1 on page 1
Modified description of pins 10, 11 in Table 2 on page 9
Added VI and updated operating temperature range in Table 3:
Absolute maximum ratings on page 10
Updated Table 4: Thermal data on page 10
Updated Table 5: Electrical specifications on page 11
Updated introduction and characterization curves in Section 4
on page 13
Moved test board layout to Section 5.10 on page 38
Moved package mechanical data toSection 6 on page 39
Updated applications circuit in Figure 39 on page 29
Updated Table 7: Gain settings on page 31
Updated Section 5.6: Modulation on page 33
Added Figure 47: Filterless application schematic on page 35
Removed overvoltage protection from Section 5.7: Protection
functions on page 36
Updated Section 5.9: Heatsink requirements on page 37
Updated exposed pad dimension Y in Table 9 on page 39
18-Jan-2012
6
Updated Table 7: Gain settings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com