Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7491P Datasheet(PDF) 10 Page - STMicroelectronics

Part # TDA7491P
Description  2 x 10-watt dual BTL class-D audio amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491P Datasheet(HTML) 10 Page - STMicroelectronics

Back Button TDA7491P Datasheet HTML 6Page - STMicroelectronics TDA7491P Datasheet HTML 7Page - STMicroelectronics TDA7491P Datasheet HTML 8Page - STMicroelectronics TDA7491P Datasheet HTML 9Page - STMicroelectronics TDA7491P Datasheet HTML 10Page - STMicroelectronics TDA7491P Datasheet HTML 11Page - STMicroelectronics TDA7491P Datasheet HTML 12Page - STMicroelectronics TDA7491P Datasheet HTML 13Page - STMicroelectronics TDA7491P Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Electrical specifications
TDA7491P
10/42
Doc ID 13540 Rev 6
3
Electrical specifications
3.1
Absolute maximum ratings
3.2
Thermal data
Refer also to Section 5.9: Heatsink requirements on page 37.
Table 3.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
VCC
DC supply voltage
20
V
VI
Voltage limits for input pins STBY, MUTE, INNA, INPA,
INNB, INPB, GAIN0, GAIN1
-0.3 to 3.6
V
Top
Operating temperature
-40 to 85
°C
Tj
Operating junction temperature
-40 to 150
°C
Tstg
Storage temperature
-40 to 150
°C
Table 4.
Thermal data
Symbol
Parameter
Min
Typ
Max
Unit
Rth j-case Thermal resistance, junction to case
-
2
3
°C/W
Rth j-amb
Thermal resistance, junction to ambient
-
24
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com