Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7491P Datasheet(PDF) 24 Page - STMicroelectronics

Part # TDA7491P
Description  2 x 10-watt dual BTL class-D audio amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491P Datasheet(HTML) 24 Page - STMicroelectronics

Back Button TDA7491P Datasheet HTML 20Page - STMicroelectronics TDA7491P Datasheet HTML 21Page - STMicroelectronics TDA7491P Datasheet HTML 22Page - STMicroelectronics TDA7491P Datasheet HTML 23Page - STMicroelectronics TDA7491P Datasheet HTML 24Page - STMicroelectronics TDA7491P Datasheet HTML 25Page - STMicroelectronics TDA7491P Datasheet HTML 26Page - STMicroelectronics TDA7491P Datasheet HTML 27Page - STMicroelectronics TDA7491P Datasheet HTML 28Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 42 page
background image
Characterization curves
TDA7491P
24/42
Doc ID 13540 Rev 6
4.3
With 8-
Ω load at VCC = 12 V
Figure 28.
Output power vs. supply voltage
Figure 29.
THD vs. output power (1 kHz)
Test Condition :
Vcc = 5~12V,
RL = 8 ohm,
Rosc =39kO, Cosc =100nF,
f =1kHz,
Gv =30dB,
Tamb =25
℃
Specification Limit:
Typical:
Vs =12V,Rl = 8 ohm
Po =9.5W @THD =10%
Po =7.2W @THD =1%
0
1
2
3
4
5
6
7
8
9
10
56
78
9
10
11
12
Supply Voltage (V)
THD =1%
THD =10%
Rl =8 ohm
f =1kHz
Test Conditions:
Vcc = 12V
Rl = 8 ohm
Rosc = 39k ohm
Cosc = 100nF
f = 1kHz
Gv = 20 dB
Tamb. = 25
˚C
Specification limits:
Typical:
Po = 9.5W
@THD =10%
Output Power (W)
THD (%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com