Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TDA7491P Datasheet(PDF) 13 Page - STMicroelectronics

Part # TDA7491P
Description  2 x 10-watt dual BTL class-D audio amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7491P Datasheet(HTML) 13 Page - STMicroelectronics

Back Button TDA7491P Datasheet HTML 9Page - STMicroelectronics TDA7491P Datasheet HTML 10Page - STMicroelectronics TDA7491P Datasheet HTML 11Page - STMicroelectronics TDA7491P Datasheet HTML 12Page - STMicroelectronics TDA7491P Datasheet HTML 13Page - STMicroelectronics TDA7491P Datasheet HTML 14Page - STMicroelectronics TDA7491P Datasheet HTML 15Page - STMicroelectronics TDA7491P Datasheet HTML 16Page - STMicroelectronics TDA7491P Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 42 page
background image
TDA7491P
Characterization curves
Doc ID 13540 Rev 6
13/42
4
Characterization curves
The following characterization curves were made using the TDA7491P demo board. The
LC filter for the 4-
Ω load uses components of 15 µH and 470 nF, whilst that for the 6-Ω load
uses 22 µH and 220 nF and that for the 8-
Ω load uses 33 µH and 220 nF.
4.1
With 4-
Ω load at VCC = 10 V
Figure 3.
Output power vs. supply voltage
Figure 4.
THD vs. output power (1 kHz)
Test Condition :
Vcc = 5~10V,
RL = 4 ohm,
Rosc = 39k
Ω,
Cosc =100nF,
f =1kHz,
Gv = 30dB,
Tamb = 25
℃
Specification Limit:
Typical:
Po = 10W @THD =10%
Po =8W @THD =1%
0
1
2
3
4
5
6
7
8
9
10
11
12
567
8
910
Output Power (W)
Supply Voltage (V)
Test Conditions:
Vcc = 10V
Rl = 4 ohm
Rosc = 39k ohm
Cosc = 100nF
f = 1kHz
Gv = 20 dB
Tamb. = 25
˚C
Specification limits:
Typical:
Po = 12W, THD = 10%
THD (%)
Output Power (W)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com