Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3055N Datasheet(PDF) 12 Page - STMicroelectronics

Part # STLC3055N
Description  WLL and ISDN-TA subscriber line interface circuit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055N Datasheet(HTML) 12 Page - STMicroelectronics

Back Button STLC3055N_09 Datasheet HTML 8Page - STMicroelectronics STLC3055N_09 Datasheet HTML 9Page - STMicroelectronics STLC3055N_09 Datasheet HTML 10Page - STMicroelectronics STLC3055N_09 Datasheet HTML 11Page - STMicroelectronics STLC3055N_09 Datasheet HTML 12Page - STMicroelectronics STLC3055N_09 Datasheet HTML 13Page - STMicroelectronics STLC3055N_09 Datasheet HTML 14Page - STMicroelectronics STLC3055N_09 Datasheet HTML 15Page - STMicroelectronics STLC3055N_09 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 34 page
background image
Functional description
STLC3055N
12/34
Polarity reversal
The D2 bit controls the line polarity, the transition between the two polarities is performed in
a "soft" way. This means that the TIP and RING wire exchange their polarities following a
ramp transition (see Figure 5). The transition time is controlled by an external capacitor
CREV. This capacitor is also setting the shape of the ringing trapezoidal waveform. When
the control pins set battery reversal the line polarity is reversed with a proper transition time
set via an external capacitor (CREV).
Figure 5.
TIP/RING typical transition from direct to reverse polarity
Metering pulse injection (Ttx)
The metering pulses circuit consists of a burst shaping generator that gives a square wave
shaped and a low pass filter to reduce the harmonic distortion of the output signal.
The metering pulse is obtained starting from two logic signals:
●
CKTTX: is a square wave at the TTX frequency (12 or 16 kHz) and should be
permanently applied to the CKTTX pin or at least for all the duration of the TTX pulse
(including rising and decay phases).
●
D0: enable the TTX generation circuit and define the TTX pulse duration.
These two signals are processed by a dedicated circuitry integrated on chip that generate
the metering pulse as an amplitude modulated shaped squarewave (SQTTX)
(see Figure 6).
Both the amplitude and the envelope of the squarewave (SQTTX) can be programmed by
means of external components. In particular the amplitude is set by the two resistors RLV
and the shaping by the capacitor CS.
Table 8.
SLIC states in active mode
D0
D1
D2
Operating Mode
0
1
0
Active normal polarity
0
1
1
Active reverse polarity
1
1
0
Active TTX injection (normal polarity)
1
1
1
Active TTX injection (reverse polarity)
GND
TIP
RING
dV/dT set
by CREV
4V typ.
40V typ
ON-HOOK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com