Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3055N Datasheet(PDF) 19 Page - STMicroelectronics

Part # STLC3055N
Description  WLL and ISDN-TA subscriber line interface circuit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055N Datasheet(HTML) 19 Page - STMicroelectronics

Back Button STLC3055N_09 Datasheet HTML 15Page - STMicroelectronics STLC3055N_09 Datasheet HTML 16Page - STMicroelectronics STLC3055N_09 Datasheet HTML 17Page - STMicroelectronics STLC3055N_09 Datasheet HTML 18Page - STMicroelectronics STLC3055N_09 Datasheet HTML 19Page - STMicroelectronics STLC3055N_09 Datasheet HTML 20Page - STMicroelectronics STLC3055N_09 Datasheet HTML 21Page - STMicroelectronics STLC3055N_09 Datasheet HTML 22Page - STMicroelectronics STLC3055N_09 Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 34 page
background image
STLC3055N
Application information
19/34
ZB(1)
Line impedance balancing
network
ZB = 50
⋅ Zl
30 k
Ω 1% @ Zl = 600 Ω
CCOMP
AC feedback loop compensation
fo = 250 kHz
CCOMP = 1/(2
π⋅fo⋅100⋅(RP))
120 pF 10% 10 V @ Rp = 50
Ω
CH
Trans-Hybrid Loss frequency
compensation
CH = CCOMP
120 pF 10% 10 V
RTTX(2)
Pulse metering cancellation
resistor
RTTX = 50Re (Zlttx+2Rp)
15 k
Ω @Zlttx = 200 Ω real
CTTX(2)
Pulse metering cancellation
capacitor
CTTX = 1/{50
⋅2π⋅fttx[-
lm(Zlttx)]}
100nF 10% 10V(3)
@ Zlttx = 200
Ω real
RLV
Pulse metering level resistor
RLV = 63.3·103··
α·V
LOTTX
α = (|Zlttx + 2Rp|/|Zlttx|)
16.2 k
Ω @ V
LOTTX = 170mVrms
CS
Pulse metering shaping
capacitor
CS =
τ/(2⋅RLV)
100 nF 10% 10V
@
τ = 3.2 ms, RLV = 16.2 kΩ
CFL
Pulse metering filter capacitor
CFL = 2/(2
π⋅fttx⋅RLV)
1.5 nF 10% 10 V
@fttx = 12 kHz RLV = 16.2 k
Ω
1.
In case Zs=Zl, ZA and ZB can be replaced by two resistors of same value: RA=RB=|Zs|.
2.
Defining ZTTX as the impedance of RTTX in series with CTTX, RTTX and CTTX can also be calculated from the following
formula:
ZTTX=50*(Zlttx+2Rp).
3.
In this case CTTX is just operating as a DC decoupling capacitor (fp=100 Hz).
Table 11.
External components @gain set = 0 (continued)
Name
Function
Formula
Typ. value
Table 12.
External components @gain set = 1
Name
Function
Formula
Typ. value
RS
Protection resistance image
RS = 25
⋅ (2Rp)
2.55 k
Ω @ Rp = 50 Ω
ZAC
Two wire AC impedance
ZAC = 25
⋅ (Zs - 2Rp)
12.5 k
Ω 1% @ Zs = 600 Ω
ZA(1)
SLIC impedance balancing
network
ZA = 25
⋅ Zs
15 k
Ω 1% @ Zs = 600 Ω
ZB(1)
Line impedance balancing
network
ZB = 25
⋅ Zl
15 k
Ω 1% @ ZI = 600 Ω
CCOMP
AC feedback loop compensation
fo = 250kHz
CCOMP = 2/(2
π⋅fo⋅100⋅(RP))
220 pF 10% 10VL @ Rp = 50
Ω
CH
Trans-Hybrid Loss frequency
compensation
CH = CCOMP
220 pF 10% 10 V
RTTX(2)
Pulse metering cancellation
resistor
RTTX = 25Re (Zlttx+2Rp)
7.5 k
Ω @Zlttx = 200 Ω real
CTTX(2)
Pulse metering cancellation
capacitor
CTTX = 1/25
⋅2π⋅fttx⋅[-lm(Zlttx)]
100 nF 10% 10 V(3)
@ Zlttx = 200
Ω real
RLV
Pulse metering level resistor
RLV = 31.7·103··
α·V
LOTTX
α = (|Zlttx + 2Rp|/|Zlttx|)
16.2 k
Ω @ V
LOTTX = 340 mVrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com