Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3055N Datasheet(PDF) 16 Page - STMicroelectronics

Part # STLC3055N
Description  WLL and ISDN-TA subscriber line interface circuit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055N Datasheet(HTML) 16 Page - STMicroelectronics

Back Button STLC3055N_09 Datasheet HTML 12Page - STMicroelectronics STLC3055N_09 Datasheet HTML 13Page - STMicroelectronics STLC3055N_09 Datasheet HTML 14Page - STMicroelectronics STLC3055N_09 Datasheet HTML 15Page - STMicroelectronics STLC3055N_09 Datasheet HTML 16Page - STMicroelectronics STLC3055N_09 Datasheet HTML 17Page - STMicroelectronics STLC3055N_09 Datasheet HTML 18Page - STMicroelectronics STLC3055N_09 Datasheet HTML 19Page - STMicroelectronics STLC3055N_09 Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 34 page
background image
Application information
STLC3055N
16/34
5
Application information
5.1
Layout recommendation
A properly designed PCB layout is a basic issue to guarantee a correct behavior and good
noise performances. Noise sources can be identified in not enough good grounds, not
enough low impedance supplies and parasitic coupling between PCB tracks and high
impedance pins of the device.
Particular care must be taken on the ground connection and in this case the star
configuration allows surely to avoid possible problems (see Figure 8 on page 20 and
Figure 9 on page 21).
The ground of the power supply (VPOS) has to be connected to the center of the star, let’s
call this point Supply GND. This point should show a resistance as low as possible, that
means it should be a ground plane.
In particular to avoid noise problems the layout should prevent any coupling between the
DC/DC converter components that are referred to PGND (CVPOS, CD, L) and analog pins
that are referred to AGND (ex: RD, IREF, RTH, RLIM, VF). AGND and BGND must be
shorter together. The GND connection of protection components have to be connected to
the Supply GDND.
As a first recommendation the components CV, L, D1, CVPOS, RSENSE should be kept as
close as possible to each other and isolated from the other components.
Additional improvements can be obtained:
●
decoupling the center of the star from the analog ground of STLC3055N using small
chokes.
●
adding a capacitor in the range of 100 nF between VPOS and AGND in order to filter
the switch frequency on VPOS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com