Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3055N Datasheet(PDF) 31 Page - STMicroelectronics

Part # STLC3055N
Description  WLL and ISDN-TA subscriber line interface circuit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055N Datasheet(HTML) 31 Page - STMicroelectronics

Back Button STLC3055N_09 Datasheet HTML 26Page - STMicroelectronics STLC3055N_09 Datasheet HTML 27Page - STMicroelectronics STLC3055N_09 Datasheet HTML 28Page - STMicroelectronics STLC3055N_09 Datasheet HTML 29Page - STMicroelectronics STLC3055N_09 Datasheet HTML 30Page - STMicroelectronics STLC3055N_09 Datasheet HTML 31Page - STMicroelectronics STLC3055N_09 Datasheet HTML 32Page - STMicroelectronics STLC3055N_09 Datasheet HTML 33Page - STMicroelectronics STLC3055N_09 Datasheet HTML 34Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 31 / 34 page
background image
STLC3055N
STLC3055Q vs STLC3055N compatibility.
31/34
9
STLC3055Q vs STLC3055N compatibility.
STLC3055N is pin to pin compatible with the old STLC3055Q but offer a better performance
in term of power consumption and can be set in a new gain configuration in order to be
compatible with the 3.3 V codec.
9.1
Typical power consumption comparison
To meet this result some differences, with a minimum impact on the application, has been
introduced in STLC3055N.
9.2
Hardware differences
●
RX input. In STLC3055N it is necessary a 100 k
Ω external resistor between RX input
and AGND to bias the input stage.
●
Rp. The STLC3055N required a Rp value of 50
Ω instead of 41 Ω.
●
TTX filter. To optimize the ttx signal dynamic, the values of RLV and CFL have been
changed;
9.3
Parameter differences
Table 14.
Power consumption differences
Operative mode
STLC3055Q
STLC3055N
HI-Z
52 - 60 mA
13 - 25 mA
Active on hook
93 - 115 mA
50 - 80 mA
Ring (no REN)
120 - 140 mA
55 - 90 mA
Table 15.
Hardware differences
Component
STLC3055Q
STLC3055N
RRX
100 k
Ω
Rp
41
Ω
50
Ω
RLV
27 k
Ω
16.2 k
Ω
CFL
1 nF
1.5 nF
Table 16.
Parameter differences
Parameter
STLC3055Q
STLC3055N
Absolute max. rating
17 V
13 V
Operating range
15.8 V
12 V
Typ. metering pulse level (Gs 1)
340 mVrms
Typ. metering pulse level (Gs 0)
200 mVrms
170 mVrms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com