Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3055N Datasheet(PDF) 14 Page - STMicroelectronics

Part # STLC3055N
Description  WLL and ISDN-TA subscriber line interface circuit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055N Datasheet(HTML) 14 Page - STMicroelectronics

Back Button STLC3055N_09 Datasheet HTML 10Page - STMicroelectronics STLC3055N_09 Datasheet HTML 11Page - STMicroelectronics STLC3055N_09 Datasheet HTML 12Page - STMicroelectronics STLC3055N_09 Datasheet HTML 13Page - STMicroelectronics STLC3055N_09 Datasheet HTML 14Page - STMicroelectronics STLC3055N_09 Datasheet HTML 15Page - STMicroelectronics STLC3055N_09 Datasheet HTML 16Page - STMicroelectronics STLC3055N_09 Datasheet HTML 17Page - STMicroelectronics STLC3055N_09 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Functional description
STLC3055N
14/34
desired ring frequency. This bit in fact controls the line polarity (0=direct; 1=reverse). As in
the Active mode the line voltage transition is performed with a ramp transition, obtaining in
this way a trapezoidal balanced ring waveform (see Figure 7). The shaping is defined by the
CREV external capacitor.
Selecting the proper capacitor value it is possible to get different CREST factor values.
The following table shows the CREST factor values obtained with a 20 Hz and 25 Hz ring
frequency and with 1REN. These value are valid either with European or USA specification.
Figure 7.
TIP/RING typical ringing waveform
The ring trip detection is performed sensing the variation of the AC line impedance from on-
hook (relatively high) to off-hook (low). This particular ring trip method allows to operate
without DC offset superimposed on the ring signal and therefore obtaining the maximum
possible ring level on the load starting from a given negative battery. It should be noted that
such a method is optimised for operation on short loop applications and may not operate
properly in presence of long loop applications (> 500
Ω). Once ring trip is detected, the DET
output is activated (logic level low), at this point the card controller or a simple logic circuit
should stop the D2 toggling in order to effectively disconnect the ring signal and then set the
STLC3055N in the proper operating mode (normally Active).
Ring level in presence of more telephone in parallel
As already mentioned above the maximum current that can be drawn from the Vpos supply
is controlled and limited via the external RSENSE. This will limit also the power available at
the self generated negative battery.
If for any reason the ringer load will be too low the self generated battery will drop in order to
keep the power consumption to the fixed limit and therefore also the ring voltage level will be
reduced.
In the typical application with RSENSE = 110 mΩ the peak current from Vpos is limited to
about 900 mA, which correspond to an average current of 700 mA max. In this condition the
STLC3055N can drive up to 3REN with a ring frequency fr=25 Hz (1REN = 1800
Ω + 1.0 µF,
European standard).
Table 9.
CREST factor
CREV
CREST factor @20 Hz
CREST factor @25 Hz
22nF
1.2
1.26
27nF
1.25
1.32
33nF
1.33
Not significant (1)
1.
Distortion already less than 10%.
GND
TIP
RING
dV/dT set
by CREV
2.5V typ.
65V
typ.
VBAT
2.5V typ.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com