Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3055N Datasheet(PDF) 18 Page - STMicroelectronics

Part # STLC3055N
Description  WLL and ISDN-TA subscriber line interface circuit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055N Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STLC3055N_09 Datasheet HTML 14Page - STMicroelectronics STLC3055N_09 Datasheet HTML 15Page - STMicroelectronics STLC3055N_09 Datasheet HTML 16Page - STMicroelectronics STLC3055N_09 Datasheet HTML 17Page - STMicroelectronics STLC3055N_09 Datasheet HTML 18Page - STMicroelectronics STLC3055N_09 Datasheet HTML 19Page - STMicroelectronics STLC3055N_09 Datasheet HTML 20Page - STMicroelectronics STLC3055N_09 Datasheet HTML 21Page - STMicroelectronics STLC3055N_09 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
Application information
STLC3055N
18/34
4
RF1 sets the self generated battery voltage in Ring and Active (Il=0) mode as follows:
VBATR should be defined considering the ring peak level required (Vringpeak=VBATR-6 V typ.). The above relation is valid
provided that the Vpos power supply current capability and the RSENSE programming allow to source all the current
requested by the particular ringer load configuration.
5
For high efficiency in HI-Z mode coil resistance @125 kHz must be < 3
Ω
CVpos
Positive supply filter capacitor
with low impedance for switch
mode power supply
100
μF(1)
CV
Battery supply filter capacitor
with low impedance for switch
mode power supply
100
μF 20% 100 V (2)
CVB
High frequency noise filter
470 nF 20% 100 V
CRD (3)
High frequency noise filter
100 nF 10% 15 V
Q1
DC/DC converter switch P-
channel MOS transistor
RDS(ON)
≤ 1.2 Ω,VDS = -100 V
Total gate charge = 20 nC max.
with VGS = 4.5 V and VDS = 1 V
ID > 500 mA
Possible choiches:
IRF9510 or IRF9520 or
IRF9120 or equivalent
D1
DC/DC converter series diode
Vr > 100 V, tRR ≤ 50 ns
SMBYW01-200
or equivalent
RSENSE
DC/DC converter peak current
limiting
RSENSE = 100 mV/IPK
110 m
Ω
@IPK = 900 mA
RF1
Negative battery programming
level
250 k
Ω < RF1 < 300 kΩ (4)
300 k
Ω 1%
@ VBATR = -70 V
RF2
Negative battery programming
level
9.1 k
Ω 1%
L
DC/DC converter inductor
DC resistance
≤ 0.1 Ω (5)
L=100
μH
SUMIDA CDRH125 or equivalent
1.
CVpos should be defined depending on the power supply current capability and maximum allowable ripple.
2.
For low ripple application use 2 x 47
μF in parallel.
3.
Can be saved if proper PCB layout avoid noise coupling on RD pin (high impedance input).
267 k
Ω
280 k
Ω
294 k
Ω
300 k
Ω
VBAT(ACTIVE)
-46 V
-48 V
-49 V
-50 V
VBATR(RING)
-62 V
-65 V
-68 V
-70 V
Table 10.
External components (continued)
Name
Function
Formula
Typ. value
Table 11.
External components @gain set = 0
Name
Function
Formula
Typ. value
RS
Protection resistance image
RS = 50
⋅ (2Rp)
5 k
Ω @ Rp = 50 Ω
ZAC
Two wire AC impedance
ZAC = 50
⋅ (Zs - 2Rp)
25 k
Ω 1% @ Zs = 600 Ω
ZA(1)
SLIC impedance balancing
network
ZA = 50
⋅ Zs
30 k
Ω 1% @ Zs = 600 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com