Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3055N Datasheet(PDF) 26 Page - STMicroelectronics

Part # STLC3055N
Description  WLL and ISDN-TA subscriber line interface circuit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055N Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STLC3055N_09 Datasheet HTML 22Page - STMicroelectronics STLC3055N_09 Datasheet HTML 23Page - STMicroelectronics STLC3055N_09 Datasheet HTML 24Page - STMicroelectronics STLC3055N_09 Datasheet HTML 25Page - STMicroelectronics STLC3055N_09 Datasheet HTML 26Page - STMicroelectronics STLC3055N_09 Datasheet HTML 27Page - STMicroelectronics STLC3055N_09 Datasheet HTML 28Page - STMicroelectronics STLC3055N_09 Datasheet HTML 29Page - STMicroelectronics STLC3055N_09 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
Electrical characteristics
STLC3055N
26/34
6.1
Test circuits
Referring to the application diagram shown in Figure 8 on page 20 and using as external
components the typical values specified in the Table 10 on page 17 and Table 11 on
page 18, find below the proper configuration for each measurement.
All measurements requiring DC current termination should be performed using "Wandel &
Goltermann DC Loop Holding Circuit GH-1" or equivalent.
Figure 10.
2W return loss 2WRL = 20Log(|Zref + Zs|/|Zref-Zs|) = 20Log(E/2Vs)
Figure 11.
THL trans hybrid loss THL = 20Log|Vrx/Vtx|
Figure 12.
G24 transmit gain G24 = 20Log|2Vtx/E|
TIP
RING
RX
TX
STLC3055N
application
circuit
W&G GH1
Zref
E
Vs
1Kohm
1Kohm
100
μF
100mA
DC max
Zin = 100K
200 to 6kHz
600ohm
100
μF
TIP
RING
RX
TX
STLC3055N
application
circuit
W&G GH1
Vrx
Vtx
100
μF
100
μF
100mA
DC max
Zin = 100K
200 to 6kHz
600ohm
TIP
RING
RX
TX
STLC3055N
application
circuit
W&G GH1
E
Vtx
100
μF
100
μF
100mA
DC max
Zin = 100K
200 to 6kHz
600ohm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com