Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STLC3055N Datasheet(PDF) 27 Page - STMicroelectronics

Part # STLC3055N
Description  WLL and ISDN-TA subscriber line interface circuit
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC3055N Datasheet(HTML) 27 Page - STMicroelectronics

Back Button STLC3055N_09 Datasheet HTML 23Page - STMicroelectronics STLC3055N_09 Datasheet HTML 24Page - STMicroelectronics STLC3055N_09 Datasheet HTML 25Page - STMicroelectronics STLC3055N_09 Datasheet HTML 26Page - STMicroelectronics STLC3055N_09 Datasheet HTML 27Page - STMicroelectronics STLC3055N_09 Datasheet HTML 28Page - STMicroelectronics STLC3055N_09 Datasheet HTML 29Page - STMicroelectronics STLC3055N_09 Datasheet HTML 30Page - STMicroelectronics STLC3055N_09 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
STLC3055N
Electrical characteristics
27/34
Figure 13.
G42 receive gain G42 = 20Log|VI/Vrx|
Figure 14.
PSRRC power supply rejection Vpos to 2W port PSSRC = 20Log|Vn/Vl|
Figure 15.
L/T longitudinal to transversal conversion L/T = 20Log|Vcm/Vl|
TIP
RING
RX
TX
STLC3055N
application
circuit
W&G GH1
Vrx
Vl
100μF
100
μF
100mA
DC max
Zin = 100K
200 to 6kHz
600ohm
TIP
RING
RX
TX
STLC3055N
application
circuit
W&G GH1
Vl
100
μF
100
μF
100mA
DC max
Zin = 100K
200 to 6kHz
600ohm
Vn
VPOS
~
TIP
RING
RX
TX
STLC3055N
application
circuit
W&G GH1
Vcm
Vl
100
μF
100
μF
100mA
DC max
Zin = 100K
200 to 6kHz
300ohm
100
μF
300ohm
100
μF
Impedance matching
better than 0.1%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com