Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0290000000 Datasheet(PDF) 19 Page - Weidmuller

Part # 0290000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0290000000 Datasheet(HTML) 19 Page - Weidmuller

Back Button 0290000000 Datasheet HTML 15Page - Weidmuller 0290000000 Datasheet HTML 16Page - Weidmuller 0290000000 Datasheet HTML 17Page - Weidmuller 0290000000 Datasheet HTML 18Page - Weidmuller 0290000000 Datasheet HTML 19Page - Weidmuller 0290000000 Datasheet HTML 20Page - Weidmuller 0290000000 Datasheet HTML 21Page - Weidmuller 0290000000 Datasheet HTML 22Page - Weidmuller 0290000000 Datasheet HTML 23Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 52 page
background image
142
Fuse terminals
r i # u
28/80/81.5
28/80/75
12 mm/M 4/5.5 x 1
500 V/10 (25) A***/10 mm2
6 kV/3
1.2…2.4
4
0.5…16
0.5…10
0.5…10
0.5…10
B 6
(QL 2…5) 47
(QL 6…10) 36
600 V/25 A/22…8 AWG
Y
Qty. W
Qty.
0206820000 20 1368720000 20
Diazed E 16
Type
Cat. No.
Qty.
TW HP (2.0) 0607000000*20
QL 2
0207800000 20
QL 3
0207900000 20
QL 4
0208000000 20
QL 10
0338900000 20
SS M 4
0136400000 100
BS M 4x9
0103300000 100
Gauge ring
Amp. Colour Cat. No.
Qty.
P 16/10 red 0208900000 100
P 16/16 grey 0209000000 100
P 16/20 Blue 0209100000 100
Rated voltage 500 V
E 10 A
0208500000 25
E 16 A
0208600000 25
E 20 A
0208700000 25
E 25 A
0208800000 25
SK
0284110000 20
DEK 5
see “Accessories”
W
Y
r #
LR u
28/80/80.5
28/80/66
13 mm/M 4/5.5 x 1
400 V/63 A***/16 mm2
6 kV/3
1.2…2.4
4
1.5…16
1.5…16
1.5…16
1.5…16
B 7
(QL 2…5) 47
(QL 6…10) 36
600 V/63 A/14…6 AWG
Y
Qty. W
Qty.
0359420000 20 0502120000 20
Neozed D 02
Type
Cat. No.
Qty.
TW HP (2.0) 0607000000*20
QL 2
0207800000 20
QL 3
0207900000 20
QL 4
0208000000 20
QL 10
0338900000 20
SS M 4
0136400000 100
BS M 4x9
0103300000 100
Gauge ring
Amp. Colour Cat. No.
Qty.
P18/20 Blue 0361800000 50
P18/25 yellow0361900000 50
P18/35 black 0362000000 50
P18/50 white 0362100000 50
Rated voltage 400 V
E 18/20
0361300000 10
E 18/25
0361400000 10
E 18/35
0361500000 10
E 18/50
0361600000 10
E 18/63
0361700000 10
SK
0359310000 20
DEK 5
see “Accessories”
Dimensions/approvals
Width/length/height (mm)
with TS 32 Y
Width/length/height (mm)
with TS 35 x 7.5 W
Insulation stripping length/clamping screw/screwdriver blade
Rated data/feed through-terminal base
Rated voltage/current/cross-section
Rated impulse voltage/pollution severity
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule according to DIN 46 228/1
mm2
Plug gauge according to 60 947-7-1
Size
Continuous current rating of cross-connection 2…5-pole
A
Continuous current rating of cross-connection 6…10-pole
A
Rated data according to UL/CSA
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
Version
KrG
KrG
End plate/partition (thickness mm)
PA
HP
Cross-connection
QL
SS
Fixing screws for cross-connections
Fuse inserts
1 1/4" x 1/4"
Nominal current (A): 0.5 fast
1.0 fast
2.0 fast
3.0 fast
5.0 fast
7.0 fast
10.0 fast
G fuse inserts 5 x 30 mm
(500 V~/0.032…6.3 A).
Available from Wickmann-Werke GmbH,
Annastr. 113, 58453 Witten, Germany, Phone ++492302/6620
D fuse inserts
Screw cap (spare)
red
black
Marking tags
Print
DEK
Standard
r #
LR u
24/75/73
24/75/66
14 mm/M 4/5.5 x 1
400 V**/16 A/10 mm2
6 kV/3
1.2…2.4
4
0.5…16
1.5…10
0.5…10
0.5…10
B 6
(QL 2…5) 47
(QL 6…10) 36
600 V/30 A/22…8 AWG
Y
Qty. W
Qty.
0321320000 20 0501820000 20
Neozed D 01
Type
Cat. No.
Qty.
TW HP (2.0)
0607000000*20
QL 2
0328000000 20
QL 3
0328100000 20
QL 4
0328200000 20
QL 10
0339000000 20
SS M 4
0136400000 100
BS M 4x9
0103300000 100
Gauge ring
Amp.Colour Cat. No.
Qty.
P14/2 pink
0138000000 50
P14/4brrown
0138100000 50
P14/6green
0328600000 50
P14/10 red
0328700000 50
Rated voltage 400 V
E 14/2
0137400000
10
E 14/4
0137500000
10
E 14/6
0328300000
10
E 14/10
0328400000
10
E 14/16
0328500000
10
SK
0339410000
20
DEK 5
see “Accessories”
** Also for 440 V~ with neozed marina fuse
*** Current for overload up to 10 A, for short circuit up to 25 A
3
) For fuse inserts 1 1/4 x 1/4” DEF 63
4
) For fuse inserts 5 x 30
a r #
LR u
13/54/61
13/54/55
12 mm/M 4/5.5 x 1
500 V/10 A/10 mm2
6 kV/3
1.2…2.4
4
0.5…16
1.5…10
0.5…10
0.5…10
B 6
(QL 2…5) 47
(QL 6…10) 36
300 V/10 A/22…10 AWG
600 V/10 A/22…10 AWG
Y
Qty. W
Qty.
02489200003)20 06675200003)20
02975200004)20 03289200004)20
Type
Cat. No.
Qty.
AP (2.5)
0191320000
for Y
TW (2.0)
0607000000
Fuse insert
E 0.5 A
0533800000
E 1 A
0525500000
E 2 A
0294500000
E 3 A
0295700000
E 5 A
0294600000
E 7 A
0295800000
E 10 A
0293900000
SK (5 x 30)
0282000000 20
SK (1/4”x 11/4 ) 0428900000 20
DEK 5
see “Accessories”
Mounting rails, end brackets, further marking material see “Accessories”
WW
W
Y
Y
Y
SAKS 2
SAKS 2/35
SAKS 5
SAKS 5/35
SAKS 4
SAKS 4/35
SAKS 3
SAKS 3/35
*only for TS 32



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com