Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0290000000 Datasheet(PDF) 46 Page - Weidmuller

Part # 0290000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0290000000 Datasheet(HTML) 46 Page - Weidmuller

Back Button 0290000000 Datasheet HTML 42Page - Weidmuller 0290000000 Datasheet HTML 43Page - Weidmuller 0290000000 Datasheet HTML 44Page - Weidmuller 0290000000 Datasheet HTML 45Page - Weidmuller 0290000000 Datasheet HTML 46Page - Weidmuller 0290000000 Datasheet HTML 47Page - Weidmuller 0290000000 Datasheet HTML 48Page - Weidmuller 0290000000 Datasheet HTML 49Page - Weidmuller 0290000000 Datasheet HTML 50Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 52 page
background image
Max. technical data
Dimensions/approvals
Width/length/height (mm)
Insulation stripping length/clamping screw/screwdriver blade
Rated data according to IEC 60 947-7-1
Rated voltage*/current/cross-section
Rated impulse voltage VDE 0110/1.89/pollution severity
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule DIN 46 228/1
mm2
Flexible H07V-K and ferrule with plastic insul. collar
mm2
Max. clamping range in mm2/plug gauge acc. to IEC 60 947-1 Size
Rated data according to UL/CSA
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
PA
Expansion rivet/insulation sleeve
IH
Cover/marking strips
169
Multipole terminal blocks
a r
see below
8 mm/M 3.5/4.0 x 0.8
400 V*/16 A/4 mm2
6 kV/3
0.8…1.6
3
0.5…4
1.5…4
0.5…4
0.5…4
0.5…4
0.33...4.0 / A 3
300 V/10 A/22…10 AWG
Type
Cat. No.
Qty.
SLS 2/2 KrG 0213420000 100
SLS 2/4 KrG 0240420000 50
SLS 2/4 KrG 0480320000 50
Slotted
IH 2.8
0386060000 100
IH 6.3
0386260000 100
2
) Single tab
3
) Double tab
MF 1/6…1/12
SLS 2/2
SLS 2/4
Mounting rails, end brackets, further marking material see “Accessories”
* Insulation sleeves are to be used for tab connections to maintain
the rated voltage.
a r
see below
400 V*/16 A/2.5/1 mm2
6 kV/3
300 V/10 A/24…12 AWG
300 V/10 A/22…10 AWG
Type
Cat. No.
Qty.
MF 1/6 KrG2) 0479720000100
MF 1/6 KrG3) 0480020000100
MF 1/8 KrG2) 0479820000 50
MF 1/8 KrG3) 0480120000 50
MF 1/12 KrG2) 0479920000 50
MF1/12 KrG3) 0480220000 50
Dimensions
Type
a
b
c
d
MF 1/6
52
34
9.5 6.5
MF 1/8
68
50
9.5 6.5
MF 1/12 113+0.5 102
8
7.5
IH 2.8
0386060000 100
IH 6.3
0386260000 100
SN
0200100000 500
BSTb 10/6
0240900000 50
BSTb 10/8
0241100000 50
BSTb 10/12 0209500000 50
BSTo 10/6
0240800000 50
BSTo 10/8
0241000000 50
BSTo 10/12 0209400000 100



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com