Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0290000000 Datasheet(PDF) 25 Page - Weidmuller

Part # 0290000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0290000000 Datasheet(HTML) 25 Page - Weidmuller

Back Button 0290000000 Datasheet HTML 21Page - Weidmuller 0290000000 Datasheet HTML 22Page - Weidmuller 0290000000 Datasheet HTML 23Page - Weidmuller 0290000000 Datasheet HTML 24Page - Weidmuller 0290000000 Datasheet HTML 25Page - Weidmuller 0290000000 Datasheet HTML 26Page - Weidmuller 0290000000 Datasheet HTML 27Page - Weidmuller 0290000000 Datasheet HTML 28Page - Weidmuller 0290000000 Datasheet HTML 29Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 52 page
background image
148
Feed-through terminals with tab connection
Dimensions/approvals
Width/length/height (mm)
with TS 32 Y
Width/length/height (mm)
with TS 35 x 7.5 W
Insulation stripping length/clamping screw/screwdriver blade
Rated data
Rated voltage/-current
Rated cross-section for clamping yokes
Rated cross-section tab
6.3/2.8 mm
Rated Voltage VDE 0110/1.89/pollution severty
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule according to DIN 46 228/1
mm2
Plug gauge according to 60 947-7-1
Size
Continuous current of terminal for conductor size
Continuous current rating of cross-connection 2…5-pole
A
Continuous current rating of cross-connection 6…10-pole
A
Rated data according to UL/CSA
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
Version
Slotted KrG
Slotted blue KrG
Slotted PA
Unslotted KrG
Unslotted blue KrG
Unslotted PA
End plate/partition/small partition (thickness mm)
AP
TW
TSCH 1
KrG
Blue KrG
PA
PA
HP
HP
Only for PA
Cross-connection
Q4
2-pole
3-pole
4-pole
10-pole
25-pole
Plug adapter
2-pole
3-pole
4-pole
Clips into PA version
5-pole
of AST 3 and AST 4 only
8-pole
Test plug/socket
Plug-test socket without using QL for TS 32
PS
StB
Insulation sleeve
Marking tags
Print
DEK
Standard
a r # u DNV
6.5/58/53.5
6.5/58/46
500 V1)/-
-
2.5/1.0 mm2
6 kV/3
(QL 2…10) 20
300 V/13 A/–
300 V/16 A/–
Y
Qty. W
Qty.
0478220000 50
04782600002)50 06996600002)50
0266320000 50
02663600002)50 06648600002)50
Type
Cat. No.
Qty.
AP (3.0)
0266420000 20
AP (1.5)
0266460000 20
TW (0.5)
0474700000 20
TW (2.0)
0607000000 20
TSch 1
0319160000 100
Q 2
0336700000 50
Q 3
0336800000 50
Q 4
0336900000 50
Q 10
0368800000 20
StB 14
0168600000 50
PS 2.3
0180400000 20
IH 2.8
0386060000 100
IH 6.3
0386260000 100
DEK 6.5
see “Accessories”
a r # DNV
6.5/40/47.5
6.5/44/40
500 V1)/-
-
2.5/1.0 mm2
6 kV/3
(QL 2…10) 20
300 V/13 A/–
300 V/16 A/–
Y
Qty. W
Qty.
0442420000 100
0442470000 100
04603600002)100
0298020000 100
02367600002)100 04793600002)10
Type
Cat. No.
Qty.
AP (3.0)
0298120000 20
AP (1.5)
0460560000 20
TW (1.5)
0130160000 20
TW (1.0)
0297100000 20
TSch 1
0319160000 100
Q 2
0336700000 50
Q 3
0336800000 50
Q 4
0336900000 50
Q 10
0368800000 20
STA 2.5/2
0165860000 100
STA 2.5/3
0165960000 50
STA 2.5/4
0190360000 50
STA 2.5/5
0166060000 50
STA 2.5/8
0166160000 50
StB 14
0168600000 50
PS 2.3
0180400000 20
IH 2.8
0386060000 100
IH 6.3
0386260000 100
DEK 6
see “Accessories”
a r #
6.5/40/47.5
6.5/44/40
9 mm/M 2.5/3.5 x 0.6
500 V1)/-
2.5 mm2
2.5/1.0 mm2
6 kV/3
0.4…0.7
1
0.5…4
1.5…2.5
0.5…2.5
0.5…2.5
A 3
(QL 2…10) 20
300 V/13 A/22…12 AWG
300 V/16 A/24…12 AWG
Y
Qty. W
Qty.
0439120000 100
0460460000 100
0321220000 100
0321270000 100
0479460000 100
Type
Cat. No.
Qty.
AP (3.0)
0298120000 20
AP (1.5)
0460560000 20
TW (1.5)
0130160000 20
TW (1.0)
0297100000 20
TSch 1
0319160000 100
Q 2
0336700000 50
Q 3
0336800000 50
Q 4
0336900000 50
Q 10
0368800000 20
STA 2.5/2
0165860000 100
STA 2.5/3
0165960000 50
STA 2.5/4
0190360000 50
STA 2.5/5
0166060000 50
STA 2.5/8
0166160000 50
StB 14
0168600000 50
PS 2.3
0180400000 20
IH 2.8
0386060000 100
IH 6.3
0386260000 100
DEK 6
see “Accessories”
a r # DNV
6.5/58/53.5
6.5/58/46
12 mm/M 3/3.5 x 0.6
500 V1)/-
4 mm2
2.5/1.0 mm2
6 kV/3
0.5…1.0
2
0.5…6
1.5…4
0.5…4
0.5…4
A 4
(QL 2…10) 20
300 V/13 A/22…12 AWG
300 V/16 A/24…12 AWG
Y
Qty. W
Qty.
0479220000 50
0479260000 50 0664960000 50
0334520000 50
0334560000 50 0699760000 50
Type
Cat. No.
Qty.
AP (3.0)
0266420000 20
AP (1.5)
0266460000 20
TW (1.0)
0474700000 20
TW (2.0)
0607000000 20
TSch 1
0319160000 100
Q 2
0336700000 50
Q 3
0336800000 50
Q 4
0336900000 50
Q 10
0368800000 20
StB 14
0168600000 50
PS 2.3
0180400000 20
IH 2.8
0386060000 100
IH 6.3
0386260000 100
DEK 6.5
see “Accessories”
1
) with insulation sleeve
2
) shock proof with ADP 4 cover profiles ADP4 (see section “Accessories”)
Mounting rails, end brackets, further marking material see “Accessories”
Y
Y
YY
W
W
WW
AST 1
AST1/35
6.3
2.8
AST 3
AST 3/35
6.3
2.8
AST 4
AST 4/35
6.3
2.8
AST 5
AST 5/35
6.3
2.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com