Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0290000000 Datasheet(PDF) 30 Page - Weidmuller

Part # 0290000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0290000000 Datasheet(HTML) 30 Page - Weidmuller

Back Button 0290000000 Datasheet HTML 26Page - Weidmuller 0290000000 Datasheet HTML 27Page - Weidmuller 0290000000 Datasheet HTML 28Page - Weidmuller 0290000000 Datasheet HTML 29Page - Weidmuller 0290000000 Datasheet HTML 30Page - Weidmuller 0290000000 Datasheet HTML 31Page - Weidmuller 0290000000 Datasheet HTML 32Page - Weidmuller 0290000000 Datasheet HTML 33Page - Weidmuller 0290000000 Datasheet HTML 34Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 52 page
background image
Feed-through terminals and disconnect test terminals
153
r #
6/60/46.5
12 mm/M 2.5/3.5 x 0.6
250 V/20 A/2.5/1.5 mm2
4 kV/3
0.4…0.7
1
0.5…6
0.5…2.5
0.5…4
0.5…2.5
A 3
(Q 2…10) 24
300 V/10 A/22…12 AWG
Y
Cat. No.
Qty.
0309120000 100
Type
Cat. No.
Qty.
AP (1.5)
0309220000 20
AP (1.5)
0309270000 20
TW (1.5)
0302860000 20
TW (1.0)
0297100000 20
TW (2.0)
0607000000 20
TSch 1
0319160000 100
Q 2
0337000000 50
Q 3
0337100000 50
Q 4
0337200000 50
Q 10
0368700000 20
AD 4
0303400000 50
BSK M 3 x 22 0128900000 100
DEK 6
see “Accessories”
r #
6/44.5/46.5
6/44.5/40
12 mm/M 2.5/3.5 x 0.6
250 V/20 A/2.5/1.5 mm2
4 kV/3
0.4…0.7
1
0.5…6
0.5…2.5
0.5…4
0.5…2.5
A 3
(Q 2…10) 24
300 V/10 A/22…12 AWG
Y
Qty. W
Qty.
0351420000 100
0351470000 100
03514600002)100 04950600002)100
0544120000*100
0544160000*2)100
Type
Cat. No.
Qty.
AP (1.5)
0309220000 20
AP (1.5)
0309270000 20
AP (1.5)
0279560000 20
TW (1.5)
0302860000 20
TW (1.0)
0297100000 20
TW (2.0)
0607000000 20
TSch 1
0319160000 100
Q 2
0337000000 50
Q 3
0337100000 50
Q 4
0337200000 50
Q 10
0368700000 20
StB 8.5 (ø 2.3) 0280600000 50
StB 29.5 (ø 4) 0133400000 50
PS 2.3
0180400000 20
PS 4
0299600000 20
AD 4
0303400000 50
BSK M 3 x 22 0128900000 100
DEK 6
see “Accessories”
r #
6/55/46.5
6/55/40
250 V/20 A/1.5 mm2
4 kV/3
(Q 2…10) 24
300 V/10 A/26…12 AWG
Y
Qty. W
Qty.
0323620000 100
0323670000 100
03236600002)10005672600002)100
Type
Cat. No.
Qty.
AP (1.5)
0309220000 20
AP (1.5)
0309270000 20
AP (1.5)
0279560000 20
TW (1.5)
0302860000 20
TW (1.0)
0297100000 20
TW (2.0)
0607020000 20
TSch 1
0319160000 100
Q 2
0337000000 50
Q 3
0337100000 50
Q 4
0337200000 50
Q 10
0368700000 20
StB 8.5 (ø 2.3) 0280600000 50
StB 29.5 (ø 4) 0133400000 50
PS 2.3
0180400000 20
PS 4
0299600000 20
AD 4
0303400000 50
BSK M 3x 22 0128900000 100
DEK 6
see “Accessories”
a r #
6.5/50/40.5/54.5 (opened)
6.5/50/38/52
8 mm/M 3/3.5 x 0.6
250 V/10 A/4/1.5 mm2
4 kV/3
0.5…1.0
2/1
0.5…4
0.5…4
0.5…4
0.5…4
A 3
(QB 2…25) 10
300 V/10 A/22…12 AWG
300 V/10 A/22…12 AWG
Y
Qty.
0412360000 100
0412380000 100
0412460000* 100
0412480000* 100
Type
Cat. No.
Qty.
AP (1.5)
02113600001)20
AP (1.5)
0211380000 20
TW (2.0)
0607000000 20
QB 2**
0482700000 100
QB 3**
0482800000 50
QB 4**
0482900000 50
QB 25 blank** 0134000000 20
PS 2.3
0180400000 20
DEK 6.5
see “Accessories”
Dimensions/approvals
Width/length/height (mm)
with TS 32 Y
Width/length/height (mm)
with TS 35 x 7.5 W
Insulation stripping length/clamping screw/screwdriver blade
Rated data
Rated voltage/current/cross-section
Rated impulse voltage VDE 0110/1.89/pollution severity
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule according to DIN 46 228/1
mm2
Plug gauge according to 60 947-7-1
Size
Continuous current of terminal block for conductor size
Continuous current rating of cross-connection 2-pole
A
Continuous current rating of cross-connection multipole
A
Rated data according to UL/CSA
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
Type
KrG
Blue KrG
KrS
PA
Blue PA
KrG
PA
Blue PA
End plate/partition (thickness mm)
AP
TW
KrG
Blue KrG
PA
Blue PA
PA
HP
HP
Small partition
Cross-connection
Q 3
Q 4
2-pole
3-pole
4-pole
10-pole
25-pole
Test plug/socket
Plug-test socket without using QL
StB
Plug-test-socket for use with QL
PS
Cover
Marking tags
Print
DEK
Standard
Mounting rails, end brackets, further marking material see “Accessories”
* Soldering lug on left-hand side
**
The conductor cross-section for the screw connection is reduced to 2.5 mm2 when QB is used.
1) For TS 32 and TS 35
2
)
Contact-proof cross-connection with ADP 4 cover profile (see “Accessories”)
Y
YY
Y
WW
SAK 2.5/M.LS
With screen lug
SAK 2.5 L
SAK 2.5 L/35
SAKR L
SAKR L/35
Disconnect terminal
SAK 2.5 LL
SAK 2.5 LL/35
with solder connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com