Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0290000000 Datasheet(PDF) 22 Page - Weidmuller

Part # 0290000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0290000000 Datasheet(HTML) 22 Page - Weidmuller

Back Button 0290000000 Datasheet HTML 18Page - Weidmuller 0290000000 Datasheet HTML 19Page - Weidmuller 0290000000 Datasheet HTML 20Page - Weidmuller 0290000000 Datasheet HTML 21Page - Weidmuller 0290000000 Datasheet HTML 22Page - Weidmuller 0290000000 Datasheet HTML 23Page - Weidmuller 0290000000 Datasheet HTML 24Page - Weidmuller 0290000000 Datasheet HTML 25Page - Weidmuller 0290000000 Datasheet HTML 26Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 52 page
background image
Fuse inserts and gauge rings for Weidmüller fuse terminals
145
for terminal type
SAKS 1
SAKS 7
ASK 1
WSI 6
SAKS 1
SAKS 7
WSI 6
SAKS 32)
SAKS 6
SAKS 2
SAKS 44)
SAKS 5
Gauge rings
For terminal type
SAKS 4 and 4/35
SAKS 5 and 5/35
SAKS 2 and 2/35
Size (mm)
5 x 20
Breaking capacity 1500 A
(at 250 V, 50 Hz, cos : 0.7)
5 x 25 m. K.1)
Breaking capacity 80 A
(at 250 V, 50 Hz, cos : = 1)
E 0.5 A
E 1
A
E 2
A
E 3
A
E 5
A
E 7
A
E 10
A
E 10 A
E 16 A
E 20 A
E 25 A
E 14/2
E 14/4
E 14/6
E 14/10
E 14/16
E 18/20
E 18/25
E 18/35
E 18/50
E 18/63
Rated voltage (V)
250
250
440
500
400
400
Rated current (A)
Type
0.1
(F)
G 20/0.10A/F
0.2
(F)
G 20/0.20A/F
0.25
(F)
G 20/0.25A/F
0.5
(F)
G 20/0.50A/F
0.63
(F)
G 20/0.63A/F
1.0
(F)
G 20/1.00A/F
1.6
(F)
G 20/1.60A/F
2.0
(F)
G 20/2.00A/F
2.5
(F)
G 20/2.50A/F
3.15
(F)
G 20/3.15A/F
4.0
(F)
G 20/4.00A/F
5.0
(F)
G 20/5.00A/F
6.3
(F)
G 20/6.30A/F
0.25
(M)
G 25/0.25A/M
0.5
(M)
G 25/0.50A/M
0.8
(M)
G 25/0.80A/M
1
(M)
G 25/1.00A/M
10
(M)5)G 25/10.0A/M
2
(F)
G 25/2.00A/F
4
(F)
G 25/4.00A/F
6.3
(F)
G 25/6.30A/F
(M) = mittelträge (F) = fast
0.5
GZ 0.5A/F
1
GZ 1.0A/F
2
GZ 2.0A
3
GZ 3.0A
5
GZ 5.0A
7
GZ 7.0A
10
GZ 10.0A
10
E 16/10A RT
16
E 16/16A GR
20
E 16/20A BL
25
E 16/25A GE
2E 14/2A RS
4E 14/4A BR
6E 14/6A GN
10
E 14/10A RT
16
E 14/16A GR
20
E 18/20A BL
25
E 18/25A GE
35
E 18/35A SW
50
E 18/50A WS
63
E 18/63A KU
(F) = fast
(M) = miedium-delayed action
Cat. No.
Qty.
0430300000
10
0430400000
10
0430500000
10
0430600000
10
0439000000
10
0430700000
10
0430800000
10
0430900000
10
0431000000
10
0431100000
10
0431200000
10
0431300000
10
0431400000
10
0546900000
10
0510300000
10
0646400000
10
0265800000
10
0193100000
10
0192700000
10
0192800000
10
0192900000
10
0533800000
10
0525500000
10
0294500000
10
0295700000
10
0294600000
10
0295800000
10
0293900000
10
0208500000
25
0208600000
25
0208700000
25
0208800000
25
0137400000
10
0137500000
10
0328300000
10
0328400000
10
0328500000
10
0361300000
10
0361400000
10
0361500000
10
0361600000
10
0361700000
10
G fuse inserts 5 x 20 without indicator acc. to IEC 60127-2 (VDE 0820 T.2 Bl 1)
G fuse inserts 5 x 25 with indicator acc. to DIN 415761)
33 kA Breaking capacity 33 kA fast
D fuse inserts E 16 with indicator acc. to DIN 49360 (diazed)
D fuse inserts E 14 Size D 01 and E 18 size D 02 with indicator acc. to DIN 49522 (neozed)3)
Cat. No.
Qty.
0138000000
50
0138100000
50
0328600000
50
0328700000
50
0361800000
50
0361900000
50
0362000000
50
0362100000
50
0208900000
100
0209000000
100
0209100000
100
Gauge ring type
P 14/2
P 14/4
P 14/6
P 14/1
P 18/20
P 18/25
P 18/35
P 18/50
P 16/10
P 16/16
P 16/20
Amp.
Colour
2
Pink
4Brown
6Green
10
Red
20
Blue
25
Yellow
35
Black
50
White
10
Red
16
Grey
20
Blue
Type
P 14/2D01 RS
P 14/4D01 BR
P 14/6D01 GN
P 14/10D01 RT
P 18/20D02 BL
P 18/25D02 GE
P 18/35D02 SW
P 18/50D02 WS
P 16/10 RT
P 16/16 GR
P 16/20 BL
Note:
1
) The SIBA company also supplies 5 x 25 G fuse inserts with indicators in a shipbuilding model for 450 V AC.
2
) 5 x 30 (500 V AC) fuse inserts for SAKS 3 are available from the WICKMANN company
3
) The LINDNER company also supplies neozed fuse cartridges in an additional shipbuilding mode for 440 V AC.
4
) Fuse cartridges with the dimensions 1"x1/4" c 25.4x6.35 mm and 13/32"x11/2" c 10.3x38.1 mm ar not included in product line.
5
) Only for SAKS 1 and SAKS 7.
Fuse inserts 11/4“ x 1/4“ without indicator acc. to BS 88
Fuse inserts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com