Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0290000000 Datasheet(PDF) 38 Page - Weidmuller

Part # 0290000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0290000000 Datasheet(HTML) 38 Page - Weidmuller

Back Button 0290000000 Datasheet HTML 34Page - Weidmuller 0290000000 Datasheet HTML 35Page - Weidmuller 0290000000 Datasheet HTML 36Page - Weidmuller 0290000000 Datasheet HTML 37Page - Weidmuller 0290000000 Datasheet HTML 38Page - Weidmuller 0290000000 Datasheet HTML 39Page - Weidmuller 0290000000 Datasheet HTML 40Page - Weidmuller 0290000000 Datasheet HTML 41Page - Weidmuller 0290000000 Datasheet HTML 42Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 52 page
background image
161
Rail mounting TS 15
a r
7/32/34
9 mm/M 3/3.5 x 0.6
IEC 60 947-7-2
–/–/4 mm2
8 kV/3
0.5…1.0
2
0.5…6
1.5…4
0.5…4
0.5…2.5
0.5…2.5
0.13…4.0 / A 3
–/–/22…12 AWG
–/–/26…12 AWG
U
TS 15
Cat. No.
Qty.
0380260000 100
(green/yellow)
Type
Cat. No.
Qty.
DEK 6.5
see “Accessories”
r
7/27.5/30
9 mm/M 3/3.5 x 0.6
–/–/4 mm2
0.8…1.6
3
0.5…4
1.5…4
0.5…4
0.5…4
0.5…4
0.5…4.0 / A 3
–/–/22…14 AWG
U
TS 15
Cat. No.
Qty.
0211200000 50
Type
Cat. No.
Qty.
38.5 A / 6 mm2
a r
60/32/34
9 mm/M 3/3.5 x 0.6
690 V/32 A/4 mm2
8 kV/3
0.5…1.0
2
0.5…6
1.5…4
0.5…4
0.5…4
0.5…4
0.2…6.0 / A 3
20
20
U
TS 15
Cat. No.
Qty.
0489560000 100
(10pol./no mk.)0366560000
10
(10pol./w.mk.) 0469560000
10
Type
Cat. No.
Qty.
BB 3 (8.0)
0366660000 50
combined AP + end brackets
TW/AP (1.5) 1331760000 20
TSch 4
0363360000 100
Q 2
0369000000 50
Q 3
0369100000 50
Q 4
0369200000 50
Q 10
0369300000 20
AD 4
0303400000 50
BSK M 2.5x18 0303300000 100
StB 8.5
0215700000 50
PS 2.3
0180400000 20
DEK 6
see “Accessories”
a r
5/28/27
7 mm/M 2.5/3.0 x 0.5
IEC 60 947-7-2
–/–/2.5 mm2
4 kV/3
0.4…0.6
1
0.5…4
1.5…2.5
0.5…4
0.5…2.5
0.5…2.5
0.13…4.0 / A 3
–/–/26…12 AWG
–/–/26…12 AWG
U
TS 15
Cat. No.
Qty.
1303360000 100
(green/yellow)
Type
Cat. No.
Qty.
DEK 5
see “Accessories”
a r
8/58/34
9 mm/M 3/3.5 x 0.6
500 V/6.3 A*/4 mm2
6 kV/3
0.5…1.0
2
0.5…4
1.5…4
0.5…4
0.5…2.5
0.5…2.5
0.13…4.0 / A 3
(QB 2…4) 10
300 V/10 A/22…12 AWG
300 V/6.3 A/26…12 AWG
U
TS 15
Cat. No.
Qty.
0376860000 100
5 x 20 without indicator
Type
Cat. No.
Qty.
AP (1.5)
0380360000 20
QB 21) insul. 0461100000 50
QB 31) insul. 0461200000 50
QB 41) insul. 0461300000 50
K sleeve
0553300000 100
DEK 6.5
see “Accessories”
3-pole ganging with tag bar
SchS 2, snapped onto three
disconnect levers
(Cat. No. 0337400000)
6.5/42/45
8 mm/M 3/3.5 x 0.6
400 V2)/10 A/4 mm2
6 kV/3
0.5…1.0
2
0.5…4
1.5…4
0.5…4
0.5…4
0.5…4
0.13…4.0 / A 3
(QB 2…4) 10
U
TS 15
Cat. No.
Qty.
with 2 StB
0412860000 100
w. clamp.screw
0412760000 100
Type
Cat. No.
Qty.
AP (1.5)
0211360000 20
QB 21) insul.
0482700000
50
QB 31) insul. 0482800000 50
QB 41) insul. 0482900000 50
QB 251) blank 0134000000 20
PS 2.3
0180400000 20
DEK 6.5
see “Accessories”
1
) The conductor cross-section is
reduced to max. 2.5 mm2
when QB is used.
2
) As disconnect test terminal:
rated voltage 250 V
* With contact sleeve 19 A
U
U
U
U
U
AK 4
AK 4/10
AKE 2.5
AKE 4
AKE 4 MS
ASK 1
Fuse terminal
SAKR
Isolating blade terminal with 2
sockets or
with 2 clamping screws



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com