Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0290000000 Datasheet(PDF) 47 Page - Weidmuller

Part # 0290000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0290000000 Datasheet(HTML) 47 Page - Weidmuller

Back Button 0290000000 Datasheet HTML 43Page - Weidmuller 0290000000 Datasheet HTML 44Page - Weidmuller 0290000000 Datasheet HTML 45Page - Weidmuller 0290000000 Datasheet HTML 46Page - Weidmuller 0290000000 Datasheet HTML 47Page - Weidmuller 0290000000 Datasheet HTML 48Page - Weidmuller 0290000000 Datasheet HTML 49Page - Weidmuller 0290000000 Datasheet HTML 50Page - Weidmuller 0290000000 Datasheet HTML 51Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 52 page
background image
170
MKL 2/12
MF 2/12
MKL 3/12
MKL 4/16
Dimensions/approvals
Width/length/height (mm)
Insulation stripping length/clamping screw/screwdriver blade
Rated data
Rated voltage*/current/cross-section
Rated impulse voltage VDE 0110/1.89/pollution severity
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule DIN 46 228/1
mm2
Flexible H07V-K and ferrule with plastic insul. collar
mm2
Max. clamping range in mm2/plug gauge acc. to IEC 60 947-1 Size
Rated data according to UL/CSA
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
Versions
Horizontal
2-pole
Other number of poles on demand
4-pole
6-pole
12-pole
16-pole
Vertical
2-pole
Other number of poles on demand
4-pole
6-pole
12-pole
16-pole
double-sided 2.8x0.8
single-sided 0.8 x 1.6/2.8x0.8
Expansion rivet/insulation sleeve
IH
Marking strips
printed
1 …
unprinted
0241860000
0241760000
0243620000
0249920000
0262020000
0244320000
Mounting rails, end brackets, further marking material see “Accessories”
* Insulation sleeves are to be used for tab connections to maintain
the rated voltage.
1
) Rated voltage 250 V
Screw, solder, tab connection
a r
103/24/16.5
5mm/M 2.5/3.5 x 0.6
400 V/20 A/2.5/1.5/1 mm2
6 kV/3
0.4…0.45
1
0.5…4
1.5…2.5
0.5…2.5
0.5…1.5
0.5…1.5
0.33...4.0 / A 2
300 V/25 A/22…12 AWG
150 V/15 A/22…12 AWG
Type
Cat. No.
Qty.
MKL4/16 KrG 02620200001)20
MKL 4/16 KrG 0244320000 20
BSTb 28/16 0262200000 50
bottom
top
BSTo 28/16 0262100000 50
a r
110/23/16
5mm/M 2.5/3.5 x 0.6
400 V* / 20 A / 2.5/ 1.5/ 1 mm2
6 kV/3
0.4…0.45
1
0.5…4
1.5…2.5
0.5…2.5
0.5…1.5
0.5…1.5
0.33...4.0 / A 2
300 V/25 A/22…12 AWG
300 V/25 A/22…12 AWG
Type
Cat.No.
Qty.
MKL3/2 KrG 0274920000**100
MKL 3/4KrG 0275120000**100
MKL 3/6 KrG 0275320000** 50
MKL 3/12KrG 0243620000** 20
MKL 3/2 KrG 0276020000* 100
MKL 3/6 KrG 0276420000* 50
MKL 3/12 KrG 0249920000* 20
* For terminals directly moun-
ted next to each other, the
rated voltage is reduced to
250 V.
** Rated voltage 250 V. For
terminals directly mounted
next to each other, the rated
voltage is reduced to 125 V.
BSTb 28/4 0289800000 50
BSTb 28/6 0290000000 50
BSTb 28/12 0245900000 50
BSTo 28/4
0289300000 50
BSTo 28/6
0289500000 50
BSTo 28/12 0245800000 50
75/24/6
5 mm
63 V/17.5 A/1.5/1 mm2
1.5 kV/3
Type
Cat. No.
Qty.
MF 2/12 PA 0241860000 50
MF 2/12 PA 0241760000 50
IH 2.8
0386060000 100
88/23/15
5 mm/M 2.5/3.5 x 0.6
125 V/20 A/2.5/1.5/1 mm2
2.5 kV/3
0.4…0.45
1
0.5…2.5
1.5…2.5
0.5…2.5
0.5…2.5
0.5…2.5
0.2...2.5 / A 2
Type
Cat. No.
Qty.
MKL 2/12 PA 0241360000 50
SN
0200100000 500
BSTb 28/12 0245700000 50
bottom
top
0278500000 50
BSTo 28/12 0245600000 50
Multipole terminal blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com