Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

0290000000 Datasheet(PDF) 35 Page - Weidmuller

Part # 0290000000
Description  SAK-series
PDF  52 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEIDMULLER [Weidmuller]
Direct Link  http://www.weidmuller.com
Logo WEIDMULLER - Weidmuller

0290000000 Datasheet(HTML) 35 Page - Weidmuller

Back Button 0290000000 Datasheet HTML 31Page - Weidmuller 0290000000 Datasheet HTML 32Page - Weidmuller 0290000000 Datasheet HTML 33Page - Weidmuller 0290000000 Datasheet HTML 34Page - Weidmuller 0290000000 Datasheet HTML 35Page - Weidmuller 0290000000 Datasheet HTML 36Page - Weidmuller 0290000000 Datasheet HTML 37Page - Weidmuller 0290000000 Datasheet HTML 38Page - Weidmuller 0290000000 Datasheet HTML 39Page - Weidmuller Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 52 page
background image
158
Feed-through terminals for initiators and motors
Dimensions/approvals
Width/length/height (mm)
with TS 35 x 7.5 W
Insulation stripping length/clamping screw/screwdriver blade
Rated data according to IEC 60 947-7-1
Rated voltage/current/cross-section
Rated impulse voltage/pollution severity
Further technical data
Tightening torque range
Nm
Torque setting with electric screwdriver type DMS 2
Clampable conductor
Solid H07V-U
mm2
Stranded H07V-R
mm2
Flexible H07V-K
mm2
Flexible H07V-K and ferrule DIN 46 228/1
mm2
Flexible H07V-K and ferrule with plastic insul. collar
mm2
Plug gauge according to 60 947-7-1
Size
Continuous current of terminal for conductor size
Continuous current rating of cross-connection, multipole
A
Rated data according to UL/CSA
Voltage/current/conductor size
UL
Voltage/current/conductor size
CSA
Ordering data
Version
PA
End plate/partition
End plate
Partial end plate for VLI1.5 – MAK2.5 combination
Partial end plate for VLI1.5 – VLI1.5PE combination
Partial end plate for VLI1.5PE – MAK2.5 combination
Cross-connection
VQB 50-pole, snap-fit, external cross-connection
QB 25-pole external cross-connection
Group marking
Tag carrier
for S 10 tags
Marking tags
Print
DEK
Standard
a q #
6/79/64
8 mm/M 2.5/3.5 x 0.6
250 V/17.5 A/1.5 mm2
4 kV/3
0.4…0.6**
1
0.5…4.0
0.5…2.5
0.5…4
0.5…2.5
0.5…2.5
A3
24 A/2.5 mm2
24
300 V/10 A/26…12 AWG
300 V/10 A/26…12 AWG
W
Cat. No.
Qty.
1633250000
50
Type
Cat. No.
Qty.
AP VLI1.5
1633260000 20
TEAP 2 MAK2.5
1633330000 20
TEAP VLI1.5 1633270000 20
VQB1.5/50BL* 1633280000
5
VQB1.5/50RT* 1633290000
5
VQB1.5/50SW* 1635120000
5
T 5
0348500000 100
SF 10
03324000001000
SG 10
03325000001000
DEK 5
see “Accessories”
a q #
6/69/63
8 mm/M 2.5/3.5 x 0.6
250 V/17.5 A/1.5 mm2
4 kV/3
0.4…0.6
1
0.5…4.0
0.5…2.5
0.5…4
0.5…2.5
0.5…2.5
A3
24 A/2.5 mm2
24
300 V/10 A/26…12 AWG
300 V/10 A/26…12 AWG
W
Cat. No.
Qty.
1633310000 50
Type
Cat. No.
Qty.
APVLI1.5/PE 1633320000 20
TEAP VLI1.5 1633270000 20
TEAP1MAK2.5
1633340000 20
VQB1.5/50BL* 1633280000
5
VQB1.5/50RT* 1633290000
5
VQB1.5/50SW* 1635120000
5
T 5
0348500000 100
SF 10
03324000001000
SG 10
03325000001000
DEK 5
see “Accessories”
a r #
6/88/64
8 mm/M 2.5/3.5 x 0.6
500 V (L-L) / 250 V (L-PE)
24 A/2.5 mm2
6 kV/3
0.4…0.6
1
0.5…4.0
0.5…2.5
1.5…4
0.5…2.5
0.5…2.5
A3
24 A/4 mm2
24
300 V/10 A/26…12 AWG
300 V/10 A/26…12 AWG
W
Cat. No.
Qty.
1615270000 50
1631650000 50
Type
Cat. No.
Qty.
AP MAK2.5 1615280000 20
TEAP 2 MAK2.5
1633330000 20
TEAP1 MAK2.5
1633340000 20
VQB1.5/50BL* 1633280000
5
VQB1.5/50RT* 1633290000
5
VQB1.5/50SW* 1635120000
5
QB 25 SW* 0520000000 20
QB 25 RT*
0520060000 20
QB 25 BL*
0520080000 20
T 5
0348500000 100
SF 10
03324000001000
SG 10
03325000001000
DEK 5
see “Accessories”
* When using cross-connection bridges, the connected cross-section is reduced by one level
** 0.4…0.45 for lower connection level
Mounting rails, end brackets, further marking material see “Accessories”
VLI 1.5
VLI 1.5PE
MAK 2.5
W
W
W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com