Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASCELL3912 Datasheet(PDF) 8 Page - ams AG

Part # ASCELL3912
Description  ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ASCELL3912 Datasheet(HTML) 8 Page - ams AG

Back Button ASCELL3912 Datasheet HTML 4Page - ams AG ASCELL3912 Datasheet HTML 5Page - ams AG ASCELL3912 Datasheet HTML 6Page - ams AG ASCELL3912 Datasheet HTML 7Page - ams AG ASCELL3912 Datasheet HTML 8Page - ams AG ASCELL3912 Datasheet HTML 9Page - ams AG ASCELL3912 Datasheet HTML 10Page - ams AG ASCELL3912 Datasheet HTML 11Page - ams AG ASCELL3912 Datasheet HTML 12Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ISM 868 MHz, 433 MHz and 315 MHz FSK Receiver Cell – Preliminary Data Sheet
ASCell3912
Rev. A, February 2000
Page 8 of 14
Austria Mikro Systeme International AG
1.2.6 Timing Diagrams
The following Figure 3 shows the timing for the write operation into the configuration register.
First the opcode is transmitted and it is followed by 9 instruction bits.
1
FB1
LNA
STR0
D_CLK
DATA
0
D_EN
STR5
FB0
t
Figure 3:
Write timing for the configuration register..
The following Figure 4 shows the timing of a read operation from the status register. After writing
the operation code to the ASCell3912, the ASCell3912 stays in high impedance state for one
more clock cycle and starts transmission of the selected bit sequence after that period.
RX
RQ1
RQ0
D_CLK
DATA
1
D_EN
0
gap=1
DR
µC
SC3912
t
Figure 4:
Read timing for status register.
In the following Figure 5 shows read out of the received data. In the example `Bx-bz` stands for
bit ´z´ of Byte ´y´, so B7-b5 depicts bit 5 of byte 7.
B15-b6
B15-b7
B0-b1
D_CLK
DATA
1
D_EN
1
gap=1
B0-b0
µC
SC3912
t
Figure 5:
Read out timing for received data (16 Bytes).
1.2.7 Interrupt and Wake-Up Pins
To provide the micro controller with time-critical information the receive/end transmission inter-
rupt (RE_INT) line is used. Figure 2 shows the timing of the RE_INT and WAKE_UP signals
during the reception. A high pulse is issued on this line, when one of the both conditions appear:
• The reception of data is completed for the first time after a receiver wake-up.
• The transmission of data has stopped. This interrupt is necessary status oriented CMT for
comfort orientated central locking functions (like window closing).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com