Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASCELL3912 Datasheet(PDF) 11 Page - ams AG

Part # ASCELL3912
Description  ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ASCELL3912 Datasheet(HTML) 11 Page - ams AG

Back Button ASCELL3912 Datasheet HTML 6Page - ams AG ASCELL3912 Datasheet HTML 7Page - ams AG ASCELL3912 Datasheet HTML 8Page - ams AG ASCELL3912 Datasheet HTML 9Page - ams AG ASCELL3912 Datasheet HTML 10Page - ams AG ASCELL3912 Datasheet HTML 11Page - ams AG ASCELL3912 Datasheet HTML 12Page - ams AG ASCELL3912 Datasheet HTML 13Page - ams AG ASCELL3912 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
ISM 868 MHz, 433 MHz and 315 MHz FSK Receiver Cell – Preliminary Data Sheet
ASCell3912
Rev. A, February 2000
Page 11 of 14
Austria Mikro Systeme International AG
2.5 Digital Pin Characteristics
TAMB = 23 °C, VDD = 3.6 V, unless specified otherwise. GND is the 0 V reference.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
µC_CLK (µC clock output)
VOH
High level output voltage
IOH =-1 mA
VDD-0.5
-
V
VOL
Low level output voltage
IOL =1 mA
-
0.3
V
tr
Rise time
CLoad = 10 pF
20
ns
td
Fall time
CLoad = 10 pF
20
ns
jcc
Cycle to cycle jitter
+/-5
%
DATA(serial data input), D_EN (serial data enable input), D_CLK (serial data clock input)
VIH
High level input voltage
VDD-0.5
-
V
VIL
Low level input voltage
-
0.3
V
IIH
High level input current
VIH= VDD
1
µA
IIL
Low level input current
VIL =0 V
-1
µA
FD_CLK
D_CLK frequency
3
kHz
RE_INT (interrupt output); WAKEUP (µC wakeup output)
VOH
High level output voltage
IOH = -1mA
VDD-0.5
-
V
VOL
Low level output voltage
IOL = 1mA
-
0.3
V
3
Pin-out Information
Note: pin numbers have arbitrary ordering and numbering - will be defined during design
Pin
Name
Type
Description
1
RF+
I
LNA input
2
RF-
I
LNA input
3
LC+
I/O
LNA tank
4
LC-
I/O
LNA tank
5
XTAL+
I
XTAL oscillator input
6
XTAL-
O
XTAL oscillator output
7
AVDD
P
Analog positive supply
8
AGND
P
Analog negative supply
9
GMC
I/O
Base-Band Low Pass frequency set
10
RFGND
I
RF GND
11
DGND
P
Digital negative supply
12
TEST1
I/O
pin for test purposes
13
TEST2
I/O
pin for test purposes
14
uC_CLK
O
Clock output for micro controller
15
RE_INT
O
Interrupt at first received data block and receive end
16
WAKEUP
O
Micro controller wake up; high during ongoing reception



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com