Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASCELL3912 Datasheet(PDF) 10 Page - ams AG

Part # ASCELL3912
Description  ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ASCELL3912 Datasheet(HTML) 10 Page - ams AG

Back Button ASCELL3912 Datasheet HTML 6Page - ams AG ASCELL3912 Datasheet HTML 7Page - ams AG ASCELL3912 Datasheet HTML 8Page - ams AG ASCELL3912 Datasheet HTML 9Page - ams AG ASCELL3912 Datasheet HTML 10Page - ams AG ASCELL3912 Datasheet HTML 11Page - ams AG ASCELL3912 Datasheet HTML 12Page - ams AG ASCELL3912 Datasheet HTML 13Page - ams AG ASCELL3912 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ISM 868 MHz, 433 MHz and 315 MHz FSK Receiver Cell – Preliminary Data Sheet
ASCell3912
Rev. A, February 2000
Page 10 of 14
Austria Mikro Systeme International AG
2.3 Receiver Operation
TA = 23 °C, VDD, AVDD = 3.6 V, unless specified otherwise. Devive functional for TA= -40 to
+85 °C.
Symbol
Parameter
Conditions / Notes
Min
Typ
Max
Units
FC
Carrier Frequency
Depends on different external
crystals.
315.000
433.920
868.300
MHz
MHz
MHz
Rin
Input impedance
Capacitive part t.b.d.
200~ 400
Ω
?F
Nominal FSK frequency devi a-
tion
315, 433.92, 868.3MHz
61
69
kHz
Fxosc
Crystal oscillator (XOSC) fre-
quency
315,000 MHz: max +/- 50ppm
433.920 MHz: max +/- 50ppm
868.300 MHz: max +/-25ppm
19,6875
13.5600
13.5672
MHz
MHz
MHz
TFxosc
Crystal oscillator (XOSC) fre-
quency tolerance
315,000 MHz: (-40~+85 °C),
433.920 MHz: (-40~+85 °C),
868.300 MHz: (-40~+85 °C).
50
50
25
ppm
ppm
ppm
DR,gross
Gross Data Rate
Including protocol.
18.235
kbps
RF Sens
1)
Receiver sensitivity
-10 °C<TA<+70 °C
-96
-100
dBm
RFSensT
Temperature sensitivity reduc-
tion
-40<TA<-10 °C. or
+70>TA>+85 °C.
4
dB
RFSensFoffim Receiver sensitivity reduction
caused by frequency offset
@maximum receiver sensitiv-
ity reduction @ 44 kHz offset
7
dB
RFSensLNA
Sensitivity reduction caused
by LNA gain switching
10
dB
BI200KHz
2)
Blocking immunity
200 kHz – 1 MHz
Without external filter.
0
dB
BI1MHz
2)
Blocking immunity
1-10 MHz
Without external filter
21
dB
BI10MHz
2)
Blocking immunity @
>10 MHz
Without external filter
63
dB
PLOfeed
LO @ FC power available at
LC+ and LC- nodes
-28
dBm
1)
Standard Receive Quality (SRQ): Message reception successfully finished after <80 ms in 80% of all transmission
trails.
2)
CW blocking signal relative to applied useful signal with –94dBm power level and SRQ.
Measured without frequency offset and at +25 °C
Receiver Timing
Symbol
Parameter
Conditions / Notes
Min
Typ
Max
Units
TDni
Time to received FSK data
Configured for fast response
(receiver sleep time = 0)
27
80
ms
TDwi
Time to received FSK data
Using low idle duty cycle the
(receiver sleep time >0)
40
92
ms
Tstop
RX switch off time
Timeout for comfort functions
30
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com