Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASCELL3912 Datasheet(PDF) 3 Page - ams AG

Part # ASCELL3912
Description  ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ASCELL3912 Datasheet(HTML) 3 Page - ams AG

  ASCELL3912 Datasheet HTML 1Page - ams AG ASCELL3912 Datasheet HTML 2Page - ams AG ASCELL3912 Datasheet HTML 3Page - ams AG ASCELL3912 Datasheet HTML 4Page - ams AG ASCELL3912 Datasheet HTML 5Page - ams AG ASCELL3912 Datasheet HTML 6Page - ams AG ASCELL3912 Datasheet HTML 7Page - ams AG ASCELL3912 Datasheet HTML 8Page - ams AG ASCELL3912 Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
ISM 868 MHz, 433 MHz and 315 MHz FSK Receiver Cell – Preliminary Data Sheet
ASCell3912
Rev. A, February 2000
Page 3 of 14
Austria Mikro Systeme International AG
TSSOP-20
D_EN
17
WAKEUP
16
RE_INT
15
µC_CLK
14
TEST2
13
TEST1
12
DGND
11
D_CLK
18
DATA
19
DVDD
20
RF+
1
RF-
2
LC+
3
LC-
4
XTAL+
5
XTAL-
6
AVDD
7
AGND
8
GMC
9
RFGND
10
This pin-out is preliminary and will change for the real implementation!
This document contains information on products under development. Austria Mikro Systeme International AG reserves the right to
change or discontinue this product without notice.
1
Functional Description
The Figure 1 shows the block diagram of the ASCell3912. The analog part of the ASCell3912
consists of a direct conversion receiver, a triple band RF synthesizer and the DC-cancellation.
The digital part includes the burst interference resistant protocol decoder the control logic and
the µC interface.
Digital
Power
Supply
XO-SEL
I
Q
LC
+
LC
-
G
M
C
TE
ST
2
D_
CL
K
D_
E
N
DA
TA
VDD
GND
AGND
RF-
AVDD
XTAL+
RF+
XTAL-
DC-Offset
Bandwith
90°
DATA-
RECOVERY
10dB
OSC
PLL
XO
∅-Det
DEM
CTRL
AFC
SYNC
FIR
CLK
GEN
SETUP-
REGISTER
INTERFACE
RF-Power
%
n
RF
Power
Supply
PROTOCOL
DECODER
Scan
Test
XOT[3:0]
XO-CLK
RF-SEL
STATE REGISTER
Functional
Test
1/STR
µC
_C
LK
RE
_I
NT
W
AK
E_
UP
LNA
RFGND
TEST1
Sleeptime
control
Figure 1:
Block diagram of the ASCell3912.
ASCell3912



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com