Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASCELL3912 Datasheet(PDF) 13 Page - ams AG

Part # ASCELL3912
Description  ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ASCELL3912 Datasheet(HTML) 13 Page - ams AG

Back Button ASCELL3912 Datasheet HTML 6Page - ams AG ASCELL3912 Datasheet HTML 7Page - ams AG ASCELL3912 Datasheet HTML 8Page - ams AG ASCELL3912 Datasheet HTML 9Page - ams AG ASCELL3912 Datasheet HTML 10Page - ams AG ASCELL3912 Datasheet HTML 11Page - ams AG ASCELL3912 Datasheet HTML 12Page - ams AG ASCELL3912 Datasheet HTML 13Page - ams AG ASCELL3912 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
ISM 868 MHz, 433 MHz and 315 MHz FSK Receiver Cell – Preliminary Data Sheet
ASCell3912
Rev. A, February 2000
Page 13 of 14
Austria Mikro Systeme International AG
5
Package Information
Figure 7: Physical dimensions of TSSOP-20.
Symbol
Common Dimensions
Minimal (mm/mil)
Nominal (mm/mil)
Maximal (mm/mil)
A
-
-
1.10/0.0433
A1
0.05/0.002
0.10/0.004
0.15/0.006
b
0.19/0.0075
-
0.30/0.0118
D
e
0.65 BSC
E
6.25/0.246
6.40/0.252
6.50/0.256
E1
4.30/0.169
4.40/0.173
4.50/0.177
L
0.50/0.020
0.60/0.024
0.70/0.028
?
ASCell's are functional and in-spec circuits, which are usually available as samples with documentation and demoboard. How -
ever they are intentionally to be used as a basis for ASIC derivatives. If an ASCell fits into a customer's application as it is, it will
be immediately qualified and transfered to an ASSP to be ordered as a regular AS product.
Copyright
© 2000, Austria Mikro Systeme International AG, Schloß Premstätten, 8141 Unterpremstätten, Austria.
Telefon +43-(0)3136-500-0, Telefax +43-(0)3136-52501, E-Mail info@amsint.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com