Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASCELL3912 Datasheet(PDF) 9 Page - ams AG

Part # ASCELL3912
Description  ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ASCELL3912 Datasheet(HTML) 9 Page - ams AG

Back Button ASCELL3912 Datasheet HTML 5Page - ams AG ASCELL3912 Datasheet HTML 6Page - ams AG ASCELL3912 Datasheet HTML 7Page - ams AG ASCELL3912 Datasheet HTML 8Page - ams AG ASCELL3912 Datasheet HTML 9Page - ams AG ASCELL3912 Datasheet HTML 10Page - ams AG ASCELL3912 Datasheet HTML 11Page - ams AG ASCELL3912 Datasheet HTML 12Page - ams AG ASCELL3912 Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
ISM 868 MHz, 433 MHz and 315 MHz FSK Receiver Cell – Preliminary Data Sheet
ASCell3912
Rev. A, February 2000
Page 9 of 14
Austria Mikro Systeme International AG
To distinguish between the two interrupt sources, the WAKE_UP line is used, as listed in the
following table.
RE_INT
WAKE_UP
Interrupt source
0
→1
1
Message received completely
0
→1
0
Transmission stopped
Table 5:
Interrupt sources and their meaning.
2
Electrical Characteristics
Absolute Maximum Ratings (non operating)
Symbol
Parameter
Min
Max
Units
Note
VDD; AVDD
Positive supply voltage
-0.5
6
V
GND; AGND
Negative supply voltage
0
0
V
Vin
Voltage at every input pin
Gnd-0.5
VCC+0.5
V
Iin
Input current into any pin except supply pins
-10
10
mA
ESD
Electrostatic discharge
1k
V
1) 3)
Tstg
Storage temperature
-55
125
°C
Tlead
Lead temperature
260
°C
2)
1) Test according to MIL STD 883C, Method 3015.7: HBM: R=1.5 k
Ω, C=100 pF, 5 positive pulses per pin against supply pins, 5
negative pulses per pin against supply pins [C2].
2) 260 °C for 10 sec (Reflow and Wave Soldering), 360 °C for 3 sec (Manual soldering).
3) All pins, pins XTAL+,XTAL-, RF+,RF-,LC+ and LC- have 500 V ESD protection
Operating Conditions
Symbol
Parameter
Conditions / Notes
Min
Typ
Max
Units
VDD=AVDD
Positive supply voltage
2.7
5.5
V
GND=AGND Negative supply voltage
0
0
0
V
TA
Operating temperature
-40
+85
°C.
IPrun
Supply current into VDDA
and VDDD pin
Everything on
10
mA
IPidle
Average supply current in
idle mode.
1.2
mA
IPsleep
Average supply current in
sleep mode.
0,5
µA
Pin,max
Maximum input power level
Above this level cir-
cuit could be de-
stroyed
30
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com