Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASCELL3912 Datasheet(PDF) 12 Page - ams AG

Part # ASCELL3912
Description  ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ASCELL3912 Datasheet(HTML) 12 Page - ams AG

Back Button ASCELL3912 Datasheet HTML 6Page - ams AG ASCELL3912 Datasheet HTML 7Page - ams AG ASCELL3912 Datasheet HTML 8Page - ams AG ASCELL3912 Datasheet HTML 9Page - ams AG ASCELL3912 Datasheet HTML 10Page - ams AG ASCELL3912 Datasheet HTML 11Page - ams AG ASCELL3912 Datasheet HTML 12Page - ams AG ASCELL3912 Datasheet HTML 13Page - ams AG ASCELL3912 Datasheet HTML 14Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
ISM 868 MHz, 433 MHz and 315 MHz FSK Receiver Cell – Preliminary Data Sheet
ASCell3912
Rev. A, February 2000
Page 12 of 14
Austria Mikro Systeme International AG
Pin
Name
Type
Description
17
D_EN
O
Enable data bus
18
D_CLK
I
Clock for serial interface
19
DATA
I/O
Data Input / Output for serial interface
20
DVDD
P
Digital positive supply
4
Application Schematic
DC to 100 kHz
RF_LO = f
R F
G. Schultes, ISM868_RX
Revision: 0, 99 07 16
f/64
+/-45°
Protocol
Decoder
Receiver
Timing
0°
90°
Baseband
Amplifiers
Compe-
rators
Switchable
AC-Coupling
Baseband
Filters
Demodulator,
Synchronizer
Sync
Data
Loop-filter
Divider
XTAL+
XTAL-
Phase Detector
XTAL
Oscillator
Local
Oscillator
Quadrature
Down Converter
RE_INT
DATA
D_EN
D_CLK
WAKEUP
µC_CLK
DVCC
DGND
TEST
f =868.300 MHz
R F
Pre Filter
IRF
QDC
2*BBF
2*BBA
2*CMP
XTO
VCO
LPF
DIV PHD
2*ACC
DEM
AFC
LNA
DC-0
Bandwidth
Clock
AGND
AGND
AVDD
AVDD
LC-
GMC
Preamp.
PRA
RFGND
RF+
LC+
RF-
DVCC
DGND
Implementation
Example
Optional
Figure 6: Basic application schematic of the ASCell3912.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com