Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASCELL3912 Datasheet(PDF) 7 Page - ams AG

Part # ASCELL3912
Description  ISM 868 MHz, 433 MHz and 315 MHz FSK Transmitter
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

ASCELL3912 Datasheet(HTML) 7 Page - ams AG

Back Button ASCELL3912 Datasheet HTML 3Page - ams AG ASCELL3912 Datasheet HTML 4Page - ams AG ASCELL3912 Datasheet HTML 5Page - ams AG ASCELL3912 Datasheet HTML 6Page - ams AG ASCELL3912 Datasheet HTML 7Page - ams AG ASCELL3912 Datasheet HTML 8Page - ams AG ASCELL3912 Datasheet HTML 9Page - ams AG ASCELL3912 Datasheet HTML 10Page - ams AG ASCELL3912 Datasheet HTML 11Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
ISM 868 MHz, 433 MHz and 315 MHz FSK Receiver Cell – Preliminary Data Sheet
ASCell3912
Rev. A, February 2000
Page 7 of 14
Austria Mikro Systeme International AG
1.2.4 Receiver Status
Table 3 below shows the format of the state register. Bit b0 is the first which is transmitted by a
readout of the µC. The status register contains the information about a successful received date,
active receiver and the information about the quality of the received signal.
bit #
Name
Description
Status
Comments
0
DR
Data received a complete
message was received
L= no data received
H= data received successfully
1
RX
Receiver is active
L= receiver not active
H= data reception in progress
Note: This bit is set by the
receiver when 6 bytes of a
packet are correct. This bit in
the status register is neces-
sary for the comfort-orientated
functions of the central locking
functions.
[2..3]
RQ[1:0]
Signal quality indicates
how many data packets
are necessary for a com-
plete message
L, L (RQ1, RQ0) = 1 packet
L, H = 2 packets
H, L = 3 packets
H, H =4 packets
Table 3:
Format of the status register.
1.2.5 µC Interface
The ASCell3912 contains a direct interface to a micro controller (µC). The µC interface of the
ASCell3912 consist of the following five pins:
”Transmit/Received data input/output” (DATA). A bi-directional serial data line, with states ”H”
(recessive, or weak pull-up) and ”L” (dominant).
“Active ”H” transmit data enable” (D_EN)
”Transmit data clock input” (D_CLK).
”Active ”H” µC interrupt output ” (RE_INT).
”Active ”H” µC wakeup output ” (µC_WAKEUP).
”µC clock output ” (µC_CLK).
1.2.5.1
Instruction Set
The following table shows the instruction set of the interface. The first two bits are the operation
code, which determine the direction of the data transfer and which data is transferred.
Operation
code
Instruction or Data
Comment
0
1
LNA
FB1
FB0
STR5
STR4
STR3
STR2
STR1
STR0
Write ASCell3912 setup
0
0
Z
LNA
FB1
FB0
STR5
STR4
STR3
STR2
STR1
STR0
Read ASCell3912 setup
1
0
Z
DR
RX
RQ1
RQ0
Read ASCell3912-State
1
1
Z
B0-b0
B15-b7
Read ASCell3912-Data
Table 4:
Overview of the instruction set.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com