Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1385 Datasheet(PDF) 7 Page - Analog Devices

Part # AD1385
Description  16-Bit 500 kHz Wide Temperature Range Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1385 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD1385 Datasheet HTML 3Page - Analog Devices AD1385 Datasheet HTML 4Page - Analog Devices AD1385 Datasheet HTML 5Page - Analog Devices AD1385 Datasheet HTML 6Page - Analog Devices AD1385 Datasheet HTML 7Page - Analog Devices AD1385 Datasheet HTML 8Page - Analog Devices AD1385 Datasheet HTML 9Page - Analog Devices AD1385 Datasheet HTML 10Page - Analog Devices AD1385 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
AD1385
REV. 0
–7–
Figure 13. AD1385 Functional Block Diagram
THEORY OF OPERATION
The AD1385 performs conversions using a three-pass subrang-
ing technique. This proven circuit concept, implemented with
state of the art components, allows the ADC, track-hold, and a
low noise reference to fit into a single hermetic package, simpli-
fying the task of board design. The T/H and ADC portions of
the AD1385 are distinct circuits with inputs and outputs avail-
able on separate pins. This functional division allows greatest
application flexibility. The AD1385’s major functional blocks
are shown in Figure 13.
The T/H uses a low noise high performance hybrid amplifier and
high speed analog switches to achieve precision performance. It
operates as an inverting amplifier during Track mode. Summing
junction switch S1 disconnects the analog input to place the cir-
cuit into Hold mode; the amplifier’s output stays constant because
the dc path to its inverting input is broken. S1 also grounds the
junction of R1 and R2 to minimize signal feedthrough. Pedestal
is independent of the analog input level because all switching
is done near ground. This ensures very low nonlinearity and
distortion.
A precision Reference DAC and an 8-bit flash ADC form the
heart of the AD1385’s subranging design. High speed amplifiers
combine the analog input and DAC output to produce the volt-
ages encoded by the flash ADC during each pass. A logic array
provides all necessary timing, control, and computation.
The first rising clock edge after Start Convert goes high begins
the conversion (provided the previous conversion is complete).
The Hold Command goes high and switches the T/H into hold.
The held signal from the T/H goes through S2, S3, and Error
Amp 2 to the flash ADC. During this pass Error Amp 2 actually
attenuates the ADC input to keep the voltage within the flash
ADC’s input range. The flash ADC is strobed after a 100 ns
settling period. The 8-bit result is saved in the logic array and is
routed to the MSBs of the Reference DAC.
Error Amp 1 amplifies the difference between the Reference
DAC output and the held input signal during the second pass.
S4 routes this error signal to the flash ADC, which is strobed a
second time after Error Amp 1 has settled. The new 8-bit result
is used to correct the previous result, increasing the accuracy of
this intermediate answer to 13-bit precision. Following this the
Reference DAC is updated.
Both error amplifiers are active during the third pass. S2 is
closed, allowing Error Amp 2 to amplify Error Amp 1’s output.
S3 now brings Error Amp 2’s output to the flash ADC. The
flash ADC is strobed a final time after the DAC and both error
amplifiers have settled. The logic array combines the data from
the third flash conversion with the earlier 13-bit word to pro-
duce the final 16-bit result. The T/H is returned to track mode,
and Error Amp 2 is reconnected as an attenuator 50 ns after the
completion of the third flash conversion to prepare for the next
conversion.
The output data are placed on the data bus in two 8-bit bytes
to be read by the host system. The Data Strobe output synchro-
nizes the data transfer by providing a rising edge for the first
byte and a falling edge for the second byte. The Hi/Lo Byte
Select input allows the user to choose which data byte is pre-
sented first. B1 Select sets the polarity of the MSB to provide
either complementary twos complement or complementary off-
set binary data.
The AD1385’s internal linearity calibration capability may be
used to compensate for shifts in Reference DAC linearity with
time and temperature. The calibration sequence uses the
AD1385’s error amplifiers and flash converter to directly mea-
sure Reference DAC linearity errors. The routine calculates the
Corrections required to each of the Reference DAC’s 8 MSBs
and stores these in an internal memory; the memory address is
determined by the Reference DAC’s codes. The RAM data con-
trol a Correction DAC whose output is summed with the Refer-
ence DAC’s output. Together the two DACs provide the 18-bit
linearity required for accurate A/D conversions. Calibration
corrects only linearity errors, and has a negligible effect on
gain and offset errors. A calibration cycle requires 15 ms and
may be initiated at any time (see Autozero).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com