Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1385 Datasheet(PDF) 4 Page - Analog Devices

Part # AD1385
Description  16-Bit 500 kHz Wide Temperature Range Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1385 Datasheet(HTML) 4 Page - Analog Devices

  AD1385 Datasheet HTML 1Page - Analog Devices AD1385 Datasheet HTML 2Page - Analog Devices AD1385 Datasheet HTML 3Page - Analog Devices AD1385 Datasheet HTML 4Page - Analog Devices AD1385 Datasheet HTML 5Page - Analog Devices AD1385 Datasheet HTML 6Page - Analog Devices AD1385 Datasheet HTML 7Page - Analog Devices AD1385 Datasheet HTML 8Page - Analog Devices AD1385 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
AD1385
REV. 0
–4–
ABSOLUTE MAXIMUM RATINGS*
+VS to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18 V
–VS to AGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –18 V
VDD to PGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7 V
VSS to PGND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –7 V
AGND to PGND . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±0.3 V
Analog Inputs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±V
S
Reference Input . . . . . . . . . . . . . . . . . . . . . . . . . .0 V to +11 V
Digital Inputs . . . . . . . . . . . . . . . . . . . . –0.3 V to VDD + 0.3 V
Output Short Circuit Duration
Reference Output . . . . . . . . . . . . . . . . . . . . . . . . . Indefinite
Track/Hold Output . . . . . . . . . . . . . . . . . . . . . . . . . . . 1 sec
Digital Outputs . . . . . . . . . . . . . . 1 sec for Any One Output
Case Temperature (Operating) . . . . . . . . . . –55
°C to +125°C
Storage Temperature . . . . . . . . . . . . . . . . . . –65
°C to +150°C
*Stresses greater than those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in
the operational section of this specification is not implied. Exposure to absolute
maximum rating conditions for extended periods may affect device reliability.
ORDERING GUIDE
Temperature
Model
Range (Case)
Package Option*
AD1385KD
0
°C to +70°C
DH-48A
AD1385TD
–55
°C to +125°C
DH-48A
AD1385TD/883B
–55
°C to +125°C
DH-48A
*DH-48A = Bottom Brazed Ceramic DIP.
AD1385 PIN CONNECTIONS
The AD1385 is housed in a 48-pin bottom-brazed ceramic
bathtub package. The pinout is as follows:
Pin Function
Pin Function
11
CLOCK IN
48
VDD2 (+5 V POWER)
12
POWER GROUND
47
POWER GROUND
13
B1/B9 (MSB)
46
VSS2 (–5 V POWER)
14
B2/B10
45
AUTOZERO
15
B3/B11
44
B1 SELECT
16
B4/B12
43
POWER GROUND
17
B5/B13
42
POWER GROUND
18
B6/B14
41
CAL
19
B7/B15
40
GAIN ADJUST
10
B8/B16 (LSB)
39
+10 V REFERENCE OUT
11
VDD1 (+5 V SIGNAL)
38
–VS1 (–15 V)
12
POWER GROUND
37
SIGNAL GROUND
13
VSS1 (–5 V SIGNAL)
36
+VS1 (+15 V)
14
SIGNAL GROUND
35
SIGNAL GROUND
15
DATA STROBE
34
DNC
16
HI/LO BYTE SELECT
33
DNC
17
OE
DATA ENABLE
32
+10 V REFERENCE IN
18
START CONVERT
31
VIN B
19
HOLD COMMAND OUT 30
VIN A
20
SIGNAL GROUND
29
OFFSET ADJUST
21
+VS2 (+15 V)
28
CAL STATUS
22
HOLD COMMAND IN
27
TRACK/HOLD OUTPUT
23
–VS2 (–15 V)
26
SIGNAL GROUND
24
POWER GROUND
25
TRACK/HOLD INPUT
DNC = DO NOT CONNECT.
WARNING!
ESD SENSITIVE DEVICE
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection.
Although the AD1385 features proprietary ESD protection circuitry, permanent damage may
occur on devices subjected to high energy electrostatic discharges. Therefore, proper ESD
precautions are recommended to avoid performance degradation or loss of functionality.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com