Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD1385 Datasheet(PDF) 11 Page - Analog Devices

Part # AD1385
Description  16-Bit 500 kHz Wide Temperature Range Sampling ADC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD1385 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD1385 Datasheet HTML 7Page - Analog Devices AD1385 Datasheet HTML 8Page - Analog Devices AD1385 Datasheet HTML 9Page - Analog Devices AD1385 Datasheet HTML 10Page - Analog Devices AD1385 Datasheet HTML 11Page - Analog Devices AD1385 Datasheet HTML 12Page - Analog Devices AD1385 Datasheet HTML 13Page - Analog Devices AD1385 Datasheet HTML 14Page - Analog Devices AD1385 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
AD1385
REV. 0
–11–
mode as long either Hold Command Out or Start Convert is
high. Care is needed in defining system timing to ensure that
the T/H has a minimum of 700 ns for signal acquisition before
another conversion begins. The minimum width of Start Con-
vert is 20 ns, the sum of tSCS and tSCH, the minimum setup and
hold times.
Transmission line effects at the Start Convert and Hold Com-
mand In inputs should be considered when designing circuit
boards for the AD1385. A series termination resistor of 50
Ω to
100
Ω is recommended when the source of either of these sig-
nals is more than a few inches away from the AD1385. This will
control reflections and transients which could otherwise degrade
the part’s performance.
Output Data
The output data are multiplexed in two bytes onto an 8-bit data
bus. Data are guaranteed to be stable at the time of the edges of
Data Strobe (Pin 15). Hi/Lo Byte Select (Pin 16) controls
which byte is presented first. If Hi/Lo Byte Select is high, then
BYTE0 is B9–B16 and BYTE1 is B1–B8. The order of the data
bytes is interchanged when Hi/Lo Byte Select is low. BYTE 0
and BYTE 1 are defined in the timing diagram Figure 17. B1 is
the most significant bit of the reconstructed 16-bit data.
B1 SELECT (Pin 44) determines whether data is presented in
complementary twos complement or complementary offset bi-
nary form. Complementary twos complement data is provided
when B1 Select is LOW. OE may be used to place the data bus
into a high impedance state.
The arithmetic unit in the AD1385 saturates at all 0s or all 1s if
the input range is exceeded.
Table I.
B1 Select
0
1
Complementary Twos
Complementary Offset
Data Format
Complement
Binary
–Full-Scale Data
7FFFH
FFFFH
0 V Data
FFFFH
8000H
+Full-Scale Data
8000H
0000H
CALIBRATION (Pins 28 and 41)
Calibration corrects for linearity errors in the Reference DAC
arising from internal component mismatches or temperature
changes. It has a negligible effect on gain and offset errors, and
these should be corrected by other means. The AD1385 must
be calibrated after power-up, and recalibration is recommended
whenever the part’s temperature has changed by more than
15
°C. Performance degrades gracefully with temperature
changes, resulting in small but gradual decreases in SNR and
increases in distortion which may be eliminated by recalibra-
tion. Calibration codes are stored in internal RAM and are lost
when power is removed. Figures 20–22 show the effects of
uncalibrated versus calibrated operation.
Figure 20. Full-Scale Power Spectral Density after Power-
up at TCASE = +25°C Without Calibration, ±5 V Range,
16384-Point FFT, 500 kHz Sample Rate. Compare with
Figure 4.
Figure 21. Full-Scale Power Spectral Density at TCASE =
+125
°C, Calibration Performed at T
CASE = +25°C, ±5 V
Range, 16384-Point FFT, 500 kHz Sample Rate
Figure 22. Same as Figure 21 Following Recalibration at
TCASE = +125°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com